PART |
Description |
Maker |
NTE6154 NTE6165 NTE6155 NTE6164 NTE6163 NTE6162 NT |
Silicon industrial rectifier, 150 Amp, general purpose. Anode to case. Peak revrese voltage 1000V. Silicon industrial rectifier, 150 Amp, general purpose. Cathode to case. Peak revrese voltage 1400V. Silicon industrial rectifier, 150 Amp, general purpose. Cathode to case. Peak revrese voltage 1600V. Silicon Industrial Rectifier / 150 Amp / General Purpose Silicon industrial rectifier, 150 Amp, general purpose. Anode to case. Peak revrese voltage 400V. Silicon industrial rectifier, 150 Amp, general purpose. Anode to case. Peak revrese voltage 1400V. Silicon industrial rectifier, 150 Amp, general purpose. Cathode to case. Peak revrese voltage 600V.
|
NTE[NTE Electronics]
|
LTC3632EDDTRPBF |
LTC3632 - High Efficiency, High Voltage 20mA Synchronous Step-Down Converter; Package: DFN; Number of Pins: 8; Temperature Range: –40°C to 125°C 0.02 A SWITCHING REGULATOR, PDSO8
|
Linear Technology, Corp.
|
SBR10150F |
VOLTAGE 150 V 10.0 Amp Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnol...
|
SBR40150R |
Voltage 150 V 40.0 Amp Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
LTC3631IDD-5TRPBF LTC3631EDD-5TRPBF LTC3631IDD-5PB |
LTC3631 - High Efficiency, High Voltage 100mA Synchronous Step-Down Converter; Package: DFN; Number of Pins: 8; Temperature Range: –40°C to 85°C 0.1 A SWITCHING REGULATOR, PDSO8 LTC3631 - High Efficiency, High Voltage 100mA Synchronous Step-Down Converter; Package: DFN; Number of Pins: 8; Temperature Range: –40°C to 125°C 0.1 A SWITCHING REGULATOR, PDSO8 LTC3631 - High Efficiency, High Voltage 100mA Synchronous Step-Down Converter; Package: MSOP; Number of Pins: 8; Temperature Range: –40°C to 125°C 0.1 A SWITCHING REGULATOR, PDSO8 LTC3631 - High Efficiency, High Voltage 100mA Synchronous Step-Down Converter; Package: MSOP; Number of Pins: 8; Temperature Range: –40°C to 85°C 0.1 A SWITCHING REGULATOR, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
SSL42 SSL43 SSL44 |
Surface Mount Schottk Barrier Rectifier
|
Shenzhen Taychipst Electronic Co., Ltd
|
LTM9001IV-GAPBF |
16-Bit, 25Msps IF/Baseband Receiver Subsystem; Package: 81-LGA; Temperature Range: –40°C to 85°C SPECIALTY ANALOG CIRCUIT, PBGA81
|
Linear Technology, Corp.
|
LTC2461IMSPBF |
Ultra-Tiny, 16-Bit I2C Delta Sigma ADCs with 10ppm/C Max Precision Reference; Package: 12-MSOP; Temperature Range: –40°C to 85°C
|
LINEAR TECHNOLOGY CORP
|
PMD20K PMD20K150 PMD20K200 |
150 WATT (14 AMP CONTINUOUS, 20 AMP PEAK)
|
New Jersey Semi-Conductor Products, Inc.
|
PMMK150D-BE PMMK150S-5E PMMK150D-CE PMMK150D-AE PM |
PCB,BLANK,DBL SIDED,PHENOLIC, FR-4T:1.6mm,300x300mm(12"X12") CASE,METAL,4.0"X3.3"X2.2" 50/CS CASE,METAL,4.0"X3.3"X2.2" 50/CS 医药50瓦封闭带PFC CASE,METAL,7.3"X6.3"X2.75" 50/CS 医药50瓦封闭带PFC Medical Grade 150 Watt Enclosed with PFC 医药150瓦封闭带PFC
|
Astrodyne, Inc.
|
NCP500SN50T1G NCP500SN18T1G |
150 mA CMOS Low Noise Low−Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO5 150 mA CMOS Low Noise Low−Dropout Voltage Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5
|
ON Semiconductor
|
EL2003J/883B EL2033J EL2003H |
Analog Buffer/Voltage Follower 模拟缓冲电压跟随 Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches; Temperature Range: -40°C to 85°C; Package: 8-SOT-23 T&R 模拟缓冲电压跟随
|
IC MICROSYSTEMS Sdn. Bhd.
|