PART |
Description |
Maker |
NCP1400ASN22T1 NCP1400ASN22T1G NCP1400ASN50T1 NCP1 |
100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator 0.4 A SWITCHING REGULATOR, 216 kHz SWITCHING FREQ-MAX, PDSO5 100mA / Fixed Frequency PWM Step-Up Micropower Switching Regulator 100mA Fixed Frequency PWM Step-Up Micropower Switching Regulator
|
ONSEMI[ON Semiconductor]
|
UC3844 |
Fixed Frequency Current-Mode PWM Controller.(?哄?棰???垫???WM?у???寮???ㄩ??靛?锛?6V锛???ㄩ??靛?锛?0V锛?
|
Fairchild Semiconductor Corporation
|
MTD2003B MTD2003BE MTD2003B-17 |
Dual Full-bridge PWM Stepper Motor Driver STEPPER MOTOR CONTROLLER, ZFM27 Constant Current Control Function (Fixed Frequency PWM Control)
|
Shindengen Electric Mfg.Co.Ltd Shindengen Electric Mfg...
|
MC33468 MC33468SN-20ATR ON1063 |
From old datasheet system FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
|
ONSEMI[ON Semiconductor]
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
MTD2002F-17 |
Constant Current Control Function (Fixed Frequency PWM Control)
|
Shindengen Electric Mfg...
|
MTD2007F-17 |
Constant Current Control Function (Fixed Frequency PWM Control)
|
Shindengen Electric Mfg...
|
MTD2005F-17 |
Constant Current Control Function (Fixed Frequency PWM Control)
|
Shindengen Electric Mfg...
|
MTD2007F |
Constant Current Control Function (Fixed Frequency PWM Control)
|
Shindengen Electric Mfg.Co.Ltd
|
MTD2005F10 |
Constant Current Control Function (Fixed Frequency PWM Control)
|
Shindengen Electric Mfg.Co.Ltd
|
ICM7240-BICM7260 ICM7240 ICM7250IJE ICM7250IPE ICM |
Fixed and Programmble Counter/Timer(8位二进制,固定,RC定时计数 8位二进制、可编程的、RC定时计数 Fixed and Programmble Counter/Timer(8位二进制,可编程的,RC定时计数 8位二进制、可编程的RC定时计数 SWITCH, DIL, SMD, 8WAY; Ways, No. of:8; Actuator type:Slide; Pin configuration:DIL; Current, contact @ contact voltage DC max:100mA; Current, contact rating:100mA; Dielectric strength, VDC:500V; Flammability rating:UL94V-0; RoHS Compliant: Yes Fixed And Programmable Timer/Counters 固定和可编程定时计数
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|