PART |
Description |
Maker |
LTV-352T |
High current transfer ratio, High input-output isolation voltage
|
Lite-On Technology Corporation
|
BC847PN Q62702-C2374 BC847PNQ62702C2374 Q62702-C15 |
PNP Silicon AF Transistors (For general AF applications High collector current High current gain) TRANSISTOR SOT363 NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
MIC61150 |
Low Input Voltage Single-Supply High-Current LDO
|
MICREL
|
LTC1871-7 LT1871EMS-7 LT1871EMS-7-PBF LT1871EMS-7- |
High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
|
Linear Technology
|
APL515550KAI-TRG APL515533KAI-TRG |
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
|
Anpec Electronics Coropration
|
BY329X1500 BY329X-1500S BY329X-1500 BY329X-1500S12 |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage Damper diode fast/ high-voltage Damper diodes fast, high-voltage - I<sub>FRM</sub>: 16 A; I<sub>O (AV)</sub>: 10 A; V<sub>RRM</sub>: 1500 V; Package: SOD113 (TO-220F); Container: Horizontal, Rail Pack
|
http:// NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
GBPC2501 GBPC2510 GBPC2508 GBPC25005 GBPC2502 GBPC |
50-A, 8-V to 14-V Input, Non-Isolated, Wide Output Adjust, Vertical Power Module w/ TurboTrans Techn 21-DIP MODULE -40 to 85 单相玻璃钝化整流 1.2 to 5.5 V 16-A, 12-V Input, Non-Isolated Wide-Adjust SIP Module 12-SIP MODULE -40 to 85 SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 25 Amperes)
|
Shanghai Sunrise Electronics Co., LTD. SSE[Shanghai Sunrise Electronics] Pan Jit International Inc.
|
7B33 7B33-01-1 7B33-01-2 |
Isolated Voltage Input Signal Conditioning Module -100 Hz Bandwidth ISOLATED, VOLTAGE OR CURRENT INPUT
|
AD[Analog Devices]
|
AD7392 AD7392AN AD7392AR AD7393 AD7393AN AD7393AR |
3 V, Parallel Input Micropower 10- and 12-Bit DACs PARALLEL, WORD INPUT LOADING, 70 us SETTLING TIME, 10-BIT DAC, PDIP20 Thyristor Diode Module; Repetitive Reverse Voltage Max, Vrrm:1600V; Current, It av:250A; Gate Trigger Current Max, Igt:4A; Package/Case:ND43; Current Rating:250A RoHS Compliant: Yes
|
Analog Devices, Inc. AD[Analog Devices]
|
NME0505SNBSP NME1205 NME2412 NME1212 NME0505S NME0 |
DC/DC converter, 1 watt. Output voltage 12VDC. Output current 84mA. Input 24VDC . DC/DC converter, 1 watt. Output voltage 9VDC. Output current 110mA. Input 24VDC . DC/DC converter, 1 watt. Output voltage 5VDC. Output current 200mA. Input 24VDC . NME Series 1 Watt Surface Mount DC/DC Converters DC/DC Converters NME SERIES 1 WATT From old datasheet system Ty-Rap Self-Locking Cable Ties; Cable Bundle Diameter Max:2.00"; Body Material:Nylon 6.6; Cable Tie Length:8.8"; Cable Tie Width:0.301"; Tensile Strength:120lb; Color:Black DC / DC转换非市场经济系瓦特
|
International Power Sources List of Unclassifed Manufacturers XPiQ Inc. ETC[ETC] Electronic Theatre Controls, Inc.
|
MSK5115-5.0BTU MSK5115-5.0BZD MSK5115-5.0BTS MSK51 |
Adj, High current, low dropout voltage regulator HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 大电流,低降稳压 12V, High current, low dropout voltage regulator
|
Electronic Theatre Controls, Inc. M.S. Kennedy Corp.
|