PART |
Description |
Maker |
IS61LF12832-8.5TQI IS61LF12832-7.5TQI IS61LF12832- |
128K x 32, 128K x 36 synchronous flow-through static RAM 128K X 32 CACHE SRAM, 8.5 ns, PQFP100
|
INTEGRATED SILICON SOLUTION INC
|
IDT71V2576S IDT71V2578S IDT71V2578YS150BG IDT71V25 |
128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 4.2 ns, PBGA119 IC LOGIC 3253 LOW-VOLTAGE DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER -40 85C TSSOP-16 96/TUBE 256K X 18 CACHE SRAM, 4.2 ns, PBGA119 RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1V-vf 50ns 5uA-ir DO-41 5K/REEL-13 128K X 36 CACHE SRAM, 4.2 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K的米656 × 18 3.3同步SRAM.5VI / O的流水线输出,脉冲计数器,单周期取消 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 3.8 ns, PBGA119 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 4.2 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 4.2 ns, PBGA119 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 4.2 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.8 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.8 ns, PBGA119 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.8 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 4.2 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 3.8 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 4.2 ns, PQFP100 IC LOGIC 3257 LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER -40 85C QSOP-16 97/TUBE
|
http:// Integrated Device Technology, Inc.
|
A63L7332 A63L7332E-42 A63L7332E-45 A63L7332E-5 A63 |
128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 4.2ns 128K x 32bit synchronous high speed SRAM 4.5ns 128K x 32bit synchronous high speed SRAM
|
AMIC Technology Corporation
|
IDT71V2558SA133BG IDT71V2558SA133BGI IDT71V2558SA1 |
3.3V 128Kx36 ZBT Synchronous PipeLined SRAM with 2.5V I/O 3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/2.5V I/O 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 3.2 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 5 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PBGA165 SPLICE,TERM,BUTT,INSUL,UNION,16-22AWG
|
IDT Integrated Device Technology, Inc.
|
IS64LPS12832A IS64LPS12836A IS64LPS25618A-200TQA3 |
128K X 32, 128K X 36, 256K X 18 4 MB SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
IS61LF12832A-6.5B3 IS61LF12832A-7.5TQI IS61LF12832 |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K的3228K的3656 × 18 4兆同步流动,通过静态内
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
MCM63P818 MCM63P736 MCM63P736TQ100 MCM63P736ZP133R |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:8-2 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 256K X 18 CACHE SRAM, 5 ns, PQFP100 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 4 ns, PBGA119 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 5 ns, PQFP100 Replaced by PTH12000W :
|
MOTOROLA INC NEC, Corp. Motorola Mobility Holdings, Inc. Motorola, Inc.
|
IS61VF25618A-6.5TQ IS61VF25618A-6.5B3 IS61VF12836A |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 256K X 18 CACHE SRAM, 6.5 ns, PQFP100 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 256K X 18 CACHE SRAM, 6.5 ns, PBGA165 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K X 36 CACHE SRAM, 7.5 ns, PQFP100
|
Integrated Silicon Solution, Inc.
|
CY7C1347B 7C1347B |
128K x 36 Synchronous-Pipelined Cache RAM(128K x 36同步流水线式高速缓冲存储器 RAM) From old datasheet system
|
Cypress Semiconductor Corp.
|
CY7C0853V-133BBXI CY7C0852AV-167AXC CY7C0851AV-133 |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.0 to 3.6 V; Speed: 133 MHz 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 128K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 64K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172
|
Cypress Semiconductor, Corp.
|
MCM63P733A MCM63P733ATQ133 MCM63P733ATQ117 |
128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 32 CACHE SRAM, 4 ns, PQFP100 128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 32 CACHE SRAM, 4.2 ns, PQFP100
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
CYD09S72V CYD09S72V-133BBC CYD09S72V-133BBI CYD09S |
FLEx72垄芒 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM FLEx723.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM FLEx72?/a> 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
|
Cypress Semiconductor Corp.
|
|