PART |
Description |
Maker |
AS7C4098A-12TCN ALLIANCEMEMORYINC-AS7C4098A-12TIN |
IC,AS7C4098A-12TCN,TSOP-44 II, SRAM,12NS,256K X 16,5V 256K X 16 STANDARD SRAM, 12 ns, PDSO44 256K X 16 STANDARD SRAM, 20 ns, PDSO44
|
Alliance Memory, Inc. ALLIANCE MEMORY INC
|
CY7C199CN-20ZXIT CY7C199CNL-15VC CY7C199CN-20ZI CY |
256K (32K x 8) Static RAM; Density: 256 Kb; Organization: 32Kb x 8; Vcc (V): 4.5 to 5.5 V; 32K X 8 STANDARD SRAM, 20 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 15 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
Cypress Semiconductor, Corp.
|
CY62147CV33LL-70BVI CY62147CV25 CY62147CV25LL-55BA |
Memory : MicroPower SRAMs 256K x 16 Static RAM 256K X 16 STANDARD SRAM, 70 ns, PBGA48 256K x 16 Static RAM 256K X 16 STANDARD SRAM, 55 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY62147DV30L-55BVXE CY62147DV30LL-45BVXI CY62147DV |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 45 ns, PDSO44 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PDSO44 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PBGA48 4-Mbit (256K x 16) Static RAM 4兆位56K × 16)静态RAM 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 70 ns, PBGA48
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY62146CV18 CY62146CV18LL-55BAIT CY62146CV18LL-70B |
256K X 16 STANDARD SRAM, 70 ns, PBGA48 256K X 16 STANDARD SRAM, 55 ns, PBGA48 256K x 16 Static RAM
|
CYPRESS SEMICONDUCTOR CORP
|
GS78132AB-10I GS78132AB-15I GS78132AB-8 GS78132AB- |
256K x 32 8Mb Asynchronous SRAM 256K X 32 STANDARD SRAM, 8 ns, PBGA119
|
GSI Technology, Inc. GSI[GSI Technology]
|
AS7C3256PFS18A-4TQC AS7C3256PFS16A-4TQC AS7C3256PF |
3.3V 256K x 18 pipeline burst synchronous SRAM, 166 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 133 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 166 MHz 256K X 18 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 256K X 16 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 256K X 16 STANDARD SRAM, 3.8 ns, PQFP100 3.3V 256K x 16/18 pipeline burst synchronous SRAM 3.3V 256K x 16 pipeline burst synchronous SRAM, 150 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 100 MHz
|
Alliance Semiconductor, Corp. ALLIANCE SEMICONDUCTOR CORP
|
AS7C3256PFD18A-4TQC AS7C3256PFD16A-4TQC AS7C3256PF |
3.3V 256K x 16 pipeline burst synchronous SRAM, 150 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 100 MHz 256K X 18 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 256K X 16 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 3.3V 256K x 16/18 pipeline burst synchronous SRAM 3.3V 256K x 18 pipeline burst synchronous SRAM, 166 MHz 3.3V 256K x 18 pipeline burst synchronous SRAM, 150 MHz 3.3V 256K x 18 pipeline burst synchronous SRAM, 133 MHz 3.3V 256K x 18 pipeline burst synchronous SRAM, 100 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 133 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 166MHz
|
Alliance Semiconductor, Corp.
|
CY7C1041D-12ZSXE |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 12 ns, PDSO44
|
Cypress Semiconductor, Corp.
|
CY62147EV30LL-45BVXA CY62147EV30LL-45BVXI CY62147E |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 45 ns, PDSO44
|
Cypress Semiconductor Corp.
|
|