PART |
Description |
Maker |
FDS887607 FDS8876 |
N-Channel PowerTrench? MOSFET 30V, 12.5A, 8.2mΩ N-Channel PowerTrench庐 MOSFET 30V, 12.5A, 8.2m惟 N-Channel PowerTrench㈢ MOSFET 30V, 12.5A, 8.2mヘ
|
Fairchild Semiconductor
|
FDB6670S FDP6670S FDB6670SNL |
30V N-Channel PowerTrench SyncFET TM 30V N-Channel PowerTrench SyncFET TM 30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrenchÒ SyncFET™ From old datasheet system 30V N-Channel PowerTrench SyncFET 62 A, 30 V, 0.0085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
FQPF45N03L |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 29A I(D) | TO-220F 晶体管| MOSFET的| N沟道| 30V的五(巴西)直|9A条(丁)|20F 30V LOGIC N-Channel MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STS7C4F30L |
7 A, 30 V, 0.026 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET⑩ POWER MOSFET P-CHANEL 30V - 0.027 OHM - 6A SO-8 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
FQI45N03L FQB45N03L |
30V LOGIC N-Channel MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 45A I(D) | TO-263AB
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
STB160NF03L 7460 |
N-CHANNEL 30V 0.0021 OHM - 160A D2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET POWER MOSFET N-CHANNEL 30V 0.0021 OHM - 160A D2PAK STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFETPOWER MOSFET N沟道30V 0.0021ohm - 160A章采用D2PAK STripFET⑩功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
PST593DM PST592C PST592CM PST591JM PST591H PST591H |
30V FETKY - MOSFET and Schottky Diode in a SO-8 package; Similar to IRF7901D1 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a TSSOP-8 package; A IRF7752 with Standard Packaging 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7301 with Lead Free Packaging 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7303 with Lead Free Packaging 200V Dual N-Channel Digital Audio HEXFET Power MOSFET in a TO-220 Full-Pak(Iso) package.; A IRFI4020H-117P with Standard Packaging 电压检测器 Voltage Detector 电压检测器 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9956 with Standard Packaging 电压检测器 30V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF9952 with Lead Free Packaging 电压检测器
|
NXP Semiconductors N.V. Intersil, Corp.
|
FDN372S |
30V N-Channel PowerTrenchSyncFET 2600 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench SyncFET
|
Fairchild Semiconductor, Corp.
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
FDD6690S |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 40A I(D) | TO-252AA 30V N-Channel PowerTrench SyncFET TM
|
Fairchild Semiconductor
|
FDB8896 FDB8896NL |
N-Channel PowerTrench MOSFET 30V, 93A, 5.7 m ohm 30V N-Channel PowerTrench MOSFET 80 A, 30 V, 0.0068 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|