PART |
Description |
Maker |
FDS887607 FDS8876 |
N-Channel PowerTrench? MOSFET 30V, 12.5A, 8.2mΩ N-Channel PowerTrench庐 MOSFET 30V, 12.5A, 8.2m惟 N-Channel PowerTrench㈢ MOSFET 30V, 12.5A, 8.2mヘ
|
Fairchild Semiconductor
|
STS2DNF30L |
N-CHANNEL 30V - 0.09 ohm - 3A SO-8 STripFETPOWER MOSFET N沟道30V 0.09欧姆-A的SO - 8 STripFET⑩功率MOSFET Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FDMS867408 FDMS8674 |
N-Channel PowerTrench垄莽 MOSFET 30V, 21A, 5.0m楼? N-Channel PowerTrench庐 MOSFET 30V, 21A, 5.0m惟 N-Channel PowerTrench? MOSFET 30V, 21A, 5.0mΩ
|
Fairchild Semiconductor
|
HUF76105DK8 FN4380 HUF76105DK8T |
5A/ 30V/ 0.050 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET From old datasheet system 5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 5A, 30V, 0.050 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(5A, 30V, 0.050 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管) TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5A I(D) | SO 5 A, 30 V, 0.072 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
Intersil Corporation Intersil, Corp.
|
FDD044AN03 FDD044AN03L FDU044AN03L |
VARISTOR STD 250VRMS 3225 SMD 35 A, 30 V, 0.0044 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA 30V N-Channel PowerTrench? MOSFET 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDB6670S FDP6670S FDB6670SNL |
30V N-Channel PowerTrench SyncFET TM 30V N-Channel PowerTrench SyncFET TM 30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrenchÒ SyncFET™ From old datasheet system 30V N-Channel PowerTrench SyncFET 62 A, 30 V, 0.0085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
FDD6030L_03 FDD6030L FDD6030L03 FDD6030LNL |
30V N-Channel Logic PowerTrench MOSFET 50 A, 30 V, 0.0145 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDU8874 FDD8874 |
N-Channel PowerTrench MOSFET 30V/ 116A N-Channel PowerTrench MOSFET 30V, 116A 35 A, 30 V, 0.0064 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDS6672A01 FDS6672A FDS6672ANL FDS6672ANF073 FDS66 |
12.5 A, 30 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET 30V N-Channel PowerTrench MOSFET 30V N-Channel PowerTrench MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FDB887010 FDB8870F085 FDB8870-F085 |
30V N-Channel PowerTrenchMOSFET N-Channel PowerTrench? MOSFET 30V, 160A, 3.9mΩ
|
Fairchild Semiconductor
|
SI4435DY SI4435DYTR |
-30V Single P-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=-30V Rds(on)=0.020ohm Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm Power MOSFET(Vdss=-30V/ Rds(on)=0.020ohm SHROUD, PRIVACY; RoHS Compliant: Yes
|
IRF[International Rectifier]
|
|