PART |
Description |
Maker |
BSS125 Q67000-S233 Q62702-S021 Q67000-S008 BSS125Q |
N-Channel SIPMOS Small-Signal Transistor SIPMOS ? Small-Signal Transistor 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor Transient Voltage Suppressor Diodes SIPMOS Small-Signal Transistor (N channel Enhancement mode) SIPMOS小信号晶体管N通道增强模式 SIPMOS Small-Signal Transistor (N channel Enhancement mode) 100 mA, 600 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
NTR2101P NTR2101PT1 |
Small Signal MOSFET 8.0V, 3.7A, Single P Channel, SOT23(8.0V, 3.7A双功率MOSFET) 小信号MOSFET 8.0V.7A,单P通道,SOT23封装8.0V.7A双功率MOSFET的) Small Signal MOSFET -8 V, -3.7 A, Single P-Channel, SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 3700 mA, 8 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
ON Semiconductor
|
FDS4435 FDS4435D84Z FDS4435F011 |
P-Channel Logic Level PowerTrenchTM MOSFET 8800 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 9000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 8.8 A, 30 V, 0.02 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
2N7002E11 2N7002ET1G 2N7002ET3G |
Small Signal MOSFET 60 V, 310 mA, Single, N.Channel, SOT.23 Small Signal MOSFET 60 V, 310 mA, TRENCH, N-Channel 260 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Small Signal MOSFET
|
ON Semiconductor
|
BSS89 Q62702-S619 Q62702-S385 Q62702-S519 |
Capacitor Kit;Contents Of Kit:16 different capacitance values, 20 pcs. per value 300 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level) SIPMOS小信号晶体管(N通道增强模式的逻辑电平
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
EMH2602 |
3500 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
PMBFJ177TRL PMBFJ177TRL13 BFR30TRL PMBFJ108TRL BST |
30 V, P-CHANNEL, Si, SMALL SIGNAL, JFET 25 V, N-CHANNEL, Si, SMALL SIGNAL, JFET 300 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
|
BSP129 Q67000-S314 Q67000-S073 |
SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance) 0.19 A, 240 V, 20 ohm, N-CHANNEL, Si, POWER, MOSFET SIPMOS ? Small-Signal Transistor From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
2N2223 2N2914 2N2915A 2N2916A 2N2917 2N2919 2N2919 |
Dual Transistors 40 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 300 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 30 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 30 mA, 60 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 200 mA, 15 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Leaded Small Signal Transistor Dual
|
Thomas Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
FDC6420 FDC6420C FDC6420CD84Z |
20V N & P-Channel PowerTrench MOSFETs 3000 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
2SA1615-Z-T1K FP1A4M-T1B FP1J3P-T1B FP1L3N-T1B 2SK |
10000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, MP-3, SC-63, 3 PIN 700 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-59, 3 PIN 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Welwyn Components, Ltd. Sumida, Corp.
|
SI4421DY-T1-E3 |
TRANSISTOR 10000 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
|