PART |
Description |
Maker |
L6902D013TR L6902D |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 1A CONSTANT CURRENT BATTERY CHARGER UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
2SC5175 E001059 |
NPN EPITAXIAL TYPE (HIHG CURRENT SWITCHING APPLICATIONS) npn型外延型HIHG电流开关应用) HIGH CURRENT SWITCHING APPLICATIONS From old datasheet system
|
Toshiba, Corp. Toshiba Corporation Toshiba Semiconductor
|
LT1308 LT1308CS8 LT1308IS8 1308I LT1308AIS8 LT1308 |
High Current/ Micropower Single Cell/ 600kHz DC/DC Converters From old datasheet system Single Cell High Current Micropower 600kHz Boost DC/DC Converter SWITCHING REGULATOR, 750 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
2SD2414SM E001183 2SD2414 |
HIGH CURRENT SWITCHING APPLICATIONS POWER AMPLIFIER APPLICATIONS From old datasheet system NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING/ POWER AMPLIFIER APPLICATIONS)
|
Toshiba Semiconductor
|
SG1825 SG1825C SG1825CJ SG1825CJ_883B SG1825CJ_DES |
2 A SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO16 HIGH - SPEED CURRENT - MODE PWM 2 A SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, CDIP16 HIGH - SPEED CURRENT - MODE PWM 2 A SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, CQCC20 Current Mode PWMs
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MAX8540-MAX8541 MAX8541EEE MAX8540 MAX8540EEE MAX8 |
Synchronizable / High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies From old datasheet system Synchronizable. High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies 可同步,高频率,电流和电压模式PWM控制器的隔离电源 Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO16
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
2N3725 |
HIGH VOLTAGE, HIGH CURRENT, HIGH SPEED, NPN SWITCHING
|
Seme LAB
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
LT3437EFE LT3437IFE LT3437EFEPBF LT3437EDDTR |
High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 0.9 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.9 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
2N1651 2N1652 2N1653 |
DAP transistors are de-signed for efficient high current switching at high frequencies
|
New Jersey Semi-Conductor Products, Inc.
|
2SD1049 |
TRIPLE DIFFUSED PLANER TYPE HIGH CURRENT HIGH SPEED SWITCHING
|
Fuji Electric
|