PART |
Description |
Maker |
IRF460 IRF460NBSP IRF460PBF |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AE package HEXFET?TRANSISTORS 500V, N-CHANNEL N-Channel Enhancement MOSFET From old datasheet system TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21) REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?TRANSISTORS THRU-HOLE (TO-204AA/AE)
|
IRF[International Rectifier]
|
STE38NB50 5564 |
N-Channel 500V-0.11Ω-38A- ISOTOP PowerMESHTM MOSFET(N沟道MOSFET) N沟道500V -0.11Ω- 38A条,1000V的集电极PowerMESHTM MOSFET的(不适用沟道MOSFET的) N - CHANNEL PowerMESH MOSFET N - CHANNEL 500V - 0.11 - 38A - ISOTOP PowerMESH TM MOSFET From old datasheet system N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FDI12N50TU FDB12N50TM FDI12N50 FDB12N50 |
N-Channel MOSFET 500V, 11.5A, 0.65Ω N-Channel MOSFET 500V, 11.5A, 0.65楼? N-Channel MOSFET 500V, 11.5A, 0.65ヘ
|
Fairchild Semiconductor
|
FQP10N50CF FQPF10N50CF FQP10N50CF08 |
500V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail 500V N-Channel MOSFET Improved dv/dt capability
|
FAIRCHILD SEMICONDUCTOR CORP
|
STH15NB50FI STW15NB50 STH15NB50 4867 W15NB50 STW15 |
N-CHANNEL 500V - 0.33W - 14.6A -T0- 247/ISOWATT218 PowerMESH MOSFET N-CHANNEL 500V - 0.33 - 14.6A -T0-
247/ISOWATT218 PowerMESH TM MOSFET N-CHANNEL Power MOS MOSFET From old datasheet system N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STB6NB50 STB6NB50-1 |
FUSE/SM .8W, VMAX = 6 VDC, I(TRIP) = 2.2 A 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 5.8AI(四)|62AA N-CHANNEL Power MOSFET N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET N - CHANNEL 500V - 1.35 Ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
FDD6N50FTF FDD6N50FTM FDD6N50F FDU6N50F FDU6N50FTU |
N-Channel MOSFET 500V, 5.5A, 1.15Ω N-Channel MOSFET 500V, 5.5A, 1.15??/a> N-Channel MOSFET 500V, 5.5A, 1.15ヘ
|
Fairchild Semiconductor
|
JANTX2N6762 JANTXV2N6762 |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
|
IRF[International Rectifier]
|
IRFP460P IRFP460PPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
|
IRF[International Rectifier]
|
IRHN7450 2115 IRHN8450 JANSF2N7270U JANSH2N7270U J |
HEXFET TRANSISTOR From old datasheet system RADIATION HARDENED POWER MOSFET 500V 300kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package 500V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package 500V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package
|
IRF[International Rectifier]
|
IRF840S IRF840STRR IRF840STRL |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=500V Rds(on)=0.85ohm Id=8.0A) Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A) Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) 功率MOSFET(减振钢板基本\u003d 500V及的Rds(on)\u003d 0.85ohm,身份证\u003d 8.0A
|
IRF[International Rectifier] International Rectifier, Corp.
|