PART |
Description |
Maker |
AK4628A |
single chip CODEC that includes two channels of ADC and eight channels of DAC.
|
Asahi Kasei Microsystems
|
MAX1680 MAX1680ESA MAX1681ESA MAX1681C_D MAX1680C_ |
125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Tactile Switch; Operating Force Max:160g-cm; Circuitry:SPST; Switch Operation:On-(On); Actuator Style:Flat Plunger; Contact Current Max:50mA; Contact Rating:50mA at 12VDC; Leaded Process Compatible:Yes; Mounting Type:PCB 125mA / Frequency-Selectable / Switched-Capacitor Voltage Converters
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX1680/MAX1681 |
125mA Frequency-Selectable Switched-Capacitor Voltage Converte
|
Maxim Integrated Products, Inc.
|
CDSER4448 |
Small Signal Switching Diodes, V-RRM=100V, V-R=80V, P-D=150mW, I-F=125mA
|
Comchip Technology
|
3JQ125 2JQ125 |
Fuses, 125mA 350V FAST 2AG LEADED FAST BLOW ELECTRIC FUSE, 0.13A, 350VAC, 140VDC, 100A (IR), INLINE/HOLDER
|
BEL FUSE INC
|
ECW1J-B24-BC0024L ECW0J-J24-BC0006L ECW1D-B36-BC00 |
Digital Contacting Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE ENCODER-DIGITAL CONTACTING SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Encoders Digital Contacting Bushing Mount SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:ECW; Rotation Speed:120rpm; Torque Max:2.25in-oz; Operating Temperature Range:-40 C to 85 C RoHS Compliant: Yes Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:ECW; Rotation Speed:120rpm; Torque Max:2.25in-oz; Operating Temperature Range:-40 C to 85 C RoHS Compliant: No
|
Bourns Electronic Solutions Bourns Inc. Bourns, Inc. Cypress Semiconductor, Corp. Harwin PLC Bourns Electronic Solut...
|
TIPB550-10 TIPB550-SW-12 TIPB550-SW-32 TIPB550-SW- |
Channels of Isolated 12 bit D/A Conversion 离体12D通道/ A转换 Channels of Isolated 12 bit D/A Conversion 离体12位D通道/ A转换
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
PEC12-4220F-S0024 PEC12-2220F-S0024 PEC12-4020F-S0 |
ENCODER SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT, COMPACT PACKAGE-3
|
Bourns, Inc. BOURNS INC
|
BTS716G BTS716 Q67060-S7025 |
High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs 16-SO -55 to 125 Smart High Side Switches - 3,0-40V, 4x140mΩ Limit(scr) 6,5A DSO-20-9 Smart High-Side Power Switch Four Channels: 4 x 140m Status Feedback Smart High-Side Power Switch Four Channels: 4 x 140mз Status Feedback
|
INFINEON[Infineon Technologies AG]
|
BTS740S2 BTS740-S2 |
Smart High Side Switches - 5,0-34V, 2x30mΩ Limit(scr) 24A DSO-20-9 Smart High-Side Power Switch Two Channels: 2 x 30m Current Sense Smart High-Side Power Switch Two Channels: 2 x 30mз Current Sense
|
Infineon Technologies AG
|