PART |
Description |
Maker |
AK4628A |
single chip CODEC that includes two channels of ADC and eight channels of DAC.
|
Asahi Kasei Microsystems
|
EMC1152 EMC1152-1-AIZL-TR EMC1152-AIZL-TR |
SST Compliant Hardware Monitor with Two Temperature Channels and Five Voltage Channels
|
SMSC Corporation
|
AME8750 |
Low-Dropout 150mA / 150mA Dual CMOS Regulator
|
AME
|
AME8750BEEY1828Z AME8750 AME8750AEEY1828Y AME8750A |
Low-Dropout 150mA / 150mA Dual CMOS Regulator
|
AKM[Asahi Kasei Microsystems]
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
IXTH6N80 IXTM6N80 6N80 IXTM6N80A IXTH6N80A |
N-Channel Enhancement Mode 32-Bit Microcontroller IC; Controller Family/Series:(ARM9); Number of I/O Pins:24; ADC Channels:5; Number of Timers 8/12/16/32 Bits:0 / 0 / 2 / 1; Number of PWM Channels:1; Clock Speed:200MHz; Interfaces:AC97, I2S, SPI, UART, USB
|
IXYS[IXYS Corporation] ETC[ETC]
|
LT1010 LT1010CH LT1010CK LT1010CN8 LT1010CT LT1010 |
From old datasheet system Fadt 150mA Power Buffer Fast -150mA Power Buffer
|
LINER[Linear Technology]
|
BTS5210L |
Smart High-Side Power Switch Two Channels: 2 x 140m?/a> Status Feedback Smart High-Side Power Switch Two Channels: 2 x 140mз Status Feedback Smart High-Side Power Switch Two Channels: 2 x 140m Status Feedback Smart High Side Switches - 5,5-40V, 2x140mΩ Limit(scr) 6,5A P-DSO-12
|
INFINEON[Infineon Technologies AG]
|
BTS5210G |
Smart High-Side Power Switch Two Channels: 2 x 140m?/a> Status Feedback Smart High-Side Power Switch Two Channels: 2 x 140mз Status Feedback Smart High-Side Power Switch Two Channels: 2 x 140m Status Feedback Smart High Side Switches - 5,5-40V, 2x140m?Limit(scr) 6,5A P-DSO-14
|
INFINEON[Infineon Technologies AG]
|
MIC5246 MIC5246-2.6BM5 MIC5246-2.7BM5 MIC5246-2.85 |
150mA レCap CMOS LDO Regulator Preliminary Information 2.7 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 DIODE, SCHOTTKY BARRIER DIODE 150mA Cap CMOS LDO Regulator Preliminary Information 150mA μCap CMOS LDO Regulator Preliminary Information
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
AMC8878 AMC8878-X.XDBT AMC8878-X.XDBTF AMC8879 AMC |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection LOW NOISE 150mA LOW DROPOUT REGULATOR
|
Electronic Theatre Controls, Inc. N.A. ETC List of Unclassifed Manufacturers
|