PART |
Description |
Maker |
RF4-23-X-05-75 |
F MALE FOR RG59
|
Adam Technologies, Inc.
|
HM628512ALRRI-7 HM628512ALPI-8 HM628512ALRRI-8 HM6 |
Dual Ic = 100 mA; Package: PG-SOT363-6; Polarity: NPN; R1 (typ): 47.0 kOhm; R2: 47.0 k; hFE (min): 70.0; Vi (on) (min): 1.0 2mA / 0.3V; 524288-word x 8-bit High Speed CMOS Static RAM 524288字8位高速CMOS静态RAM
|
Hitachi,Ltd.
|
2-1105350-1 |
KOAX CONTACTS PIN RG58/RG59
|
Tyco Electronics
|
PA8013 |
CRIMPALL RG59/RG6 CATV CLAMSHELL
|
List of Unclassifed Manufacturers
|
2-1105351-1 |
KOAX CONTACTS SOCKET RG58/RG59
|
Tyco Electronics
|
PE44263 |
75 Ohm 1.6/5.6 Plug Connector Crimp/ Solder Attachment For RG59
|
Pasternack Enterprises, Inc.
|
PE4962 |
C Female Connector Clamp/Solder Attachment For RG59, RG62
|
Pasternack Enterprises, Inc.
|
TO-263-5 |
A : MIN 9.800 MAX 10.668 B : MIN 8.200 MAX 9.169
|
Analog Microelectronics
|
PE4073 |
UHF Male Connector Crimp/Solder Attachment For RG59, RG62
|
Pasternack Enterprises, Inc.
|
LA71750EM |
TV, VCR, and Video Camera Applications: VHD video Y/C/A in a single chip Video and Audio Signal-Processing IC From old datasheet system
|
SANYO[Sanyo Semicon Device]
|