PART |
Description |
Maker |
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
VTC-6264D2C VTC-6264D4 VTC-6264D5C |
400W, C-Band Helix TWT Series
|
Communications & Power Industries, Inc.
|
SMAJ33CA |
(SMAJ Series) 400W Surface Mount Transient Voltage Suppressors
|
Weitron
|
SL4-7-50 SL4-4P5-50 SL4-15-50 SL4-2-50 SL4-9-50 SL |
SL4 Series Single-In-Line Passive Single Output 50 W Impedance Delays
|
Rhombus Industries Inc.
|
SMAJ78A-13-F SMAJ75CA-13-F SMAJ54A-13-F UNISMAJ5.0 |
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 400 W, BIDIRECTIONAL, SILICON, TVS DIODE 400W Peak Pulse Power Dissipation
|
Diodes, Inc. Diodes Incorporated
|
NCP302LSN20T1 NCP302LSN38T1G NCP303LSN26T1 NCP303L |
Voltage Detector Series with Programmable Delay Voltage Detector Series with Programmable Delay 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Single Output LDO, 150mA, Fixed(1.5V), Low Quiescent Current, Power Good (PG) Output 8-SOIC Single Output LDO, 150mA, Fixed(3.3V), Low Noise, Low Quiescent Current 5-SOT-23 -40 to 125
|
电源管理 ON Semiconductor
|
MZO.5GE75V AED12K48N-S SMAJ22C AZ762-1C-24AEF EP98 |
ZENER DIODE Single Output 16th Brick: 60Watts 400W Peak Power Surface Mount TVS 16 A SPDT MINIATURE POWER RELAY 14 Pin DIL 5 Tap TTL Compatible Active Delay Lines Chip LED(0.8mm Herght) 3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
|
MIC GROUP RECTIFIERS Astec America, Inc SeCoS Halbleitertechnologie GmbH American Zettler, Inc. PCA ELECTRONICS INC. Everlight Electronics Co., Ltd http://
|
MINT1065D2475K01 MINT1065D4875K01 MINT1065D1275K01 |
65W Single Output Series
|
SL Power Electronics
|
MINT1022 MINT1022A2405I01 MINT1022A0505I01 MINT102 |
22 Watt Single Output Series
|
SL Power Electronics
|
MC10H641FNR2G |
Single Supply PECL to TTL 1:9 Clock Distribution Chip 10H SERIES, LOW SKEW CLOCK DRIVER, 9 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQCC28
|
ON Semiconductor
|
MINT1275A1214K01 MINT1275A5614K01 MINT1275A4814K01 |
275W Single Output Medical Series
|
SL Power Electronics
|
WR24D15_500MP WR24D12/625MP WR24S05/3000MP WR24D15 |
(WR24xxx) WR-XC and WR-MP Series / Single and Dual Output
|
Artesyn Technologies
|