PART |
Description |
Maker |
MAX167CCWG-T MAX192ACPP MAX186DEWP-T MAX155BCPI MA |
CMOS, 5V Input, 100ksps, 12-Bit ADC with Track/Hold and Reference 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 Low-Power, 8-Channel, Serial 10-Bit ADC 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP20 Low-Power, 8-Channel, Serial 12-Bit ADCs 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 High-Speed, 8-Channel, 8-Bit ADC with Simultaneous Track/Holds and Reference 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 CMOS, 20µs, 8-Bit, 8-Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Dual-Channel, 10-Bit, 130Msps ADC; Package: THIN QFN, 48 pin ; Temperature Range: -40°C to 85°C 2-CH 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, QCC48 75ksps, 5V, 12-Bit ADC with Track/Hold and Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin µMAX 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Industry-Standard, 12-Bit ADC with Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX164CEWG |
CMOS, 5V Input, 100ksps, 12-Bit ADC with Track/Hold and Reference 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24
|
Maxim Integrated Products, Inc.
|
MX7821KPT |
µP-Compatible, 660ns, 8-Bit ADC with Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PQCC20
|
Maxim Integrated Products, Inc.
|
MAX163 MAX163BCNG MAX163BCWG MAX163BENG MAX163BEWG |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% RECTIFIER 6A 100V R-6 RECTIFIER 6A 50V R-6 RECTIFIER 6A 1000V R-6 CMOS 12-Bit A/D Converters With Track-and-Hold 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC24 CMOS 12-Bit A/D Converters With Track-and-Hold 的CMOS 12A / D转换器与跟踪保持电路 CMOS 12-bit A/D converter with track-and-hold. Error -1 LSB.
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ADC
|
AD7575 AD7575AQ AD7575BQ AD7575JN AD7575JP AD7575J |
LC2MOS 5 us 8-Bit ADC with Track/Hold LC2MOS 5ms 8-Bit ADC with Track/Hold LC2MOS 5ums 8-Bit ADC with Track/Hold
|
AD[Analog Devices]
|
MAX100CFR-T |
250Msps, 8-Bit ADC with Track/Hold
|
MAXIM INTEGRATED PRODUCTS INC
|
K4H510438B-UC/LA2 K4H510838B-UC/LA2 K4H510438B-UC/ |
8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-PDIP 512MB的乙芯片DDR SDRAM内存规格 8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-SOIC 8-Bit, 22 kSPS ADC Serial Out, uProcessor Periph./Standalone, Mux option w/SE or differential, 2 Ch. 8-SOIC 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-SSOP 0 to 70 512Mb B-die DDR SDRAM Specification
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. http://
|
MAX150BEWPT |
CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold
|
MAXIM - Dallas Semiconductor
|
MAX156BEWI MAX155ACWI MAX155BCWI MAX155ACWIT MAX15 |
High-Speed, 8-Channel, 8-Bit ADC with Simultaneous Track/Holds and Reference
|
MAXIM - Dallas Semiconductor
|
MAX104 |
±5V, 1Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
|
MAXIM - Dallas Semiconductor
|
MAX106CHC |
5V / 600Msps / 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
|
MAXIM - Dallas Semiconductor
|
AD9040 |
Complete 10-Bit Monolithic Sampling A/D Converter (ADC) with On-Board Track-and-Hold and Reference
|
Analog Devices
|
|