PART |
Description |
Maker |
CY7C1461AV33-100AXC CY7C1463AV33-100AXC CY7C1461AV |
36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL垄芒 Architecture 36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL Architecture(带NoBL结构6-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM) 36兆位米x 36 / 2 M中的x 18/512K × 72)流体系结构,通过与总线延迟(带总线延迟结构的的36 - Mbit通过的SRAM100万x 36 / 2 M中的x 18/512K × 72)流的SRAM
|
Cypress Semiconductor Corp.
|
IS75V16F64GS16-7080DI |
64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
|
Integrated Silicon Solution, Inc.
|
IS75V16F128GS32-7065BI |
3.0 Volt Multi-Chip Package (MCP) 128 Mbit Simultaneous Operation Flash Memory and 32 Mbit Pseudo Static RAM
|
Integrated Silicon Solution Inc
|
CYU01M16ZCCU-70BVXI CYU01M16ZCC |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, VFBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Cypress Semiconductor, Corp.
|
M24D16161ZA-70BIG |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, VFBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Elite Semiconductor Memory Technology, Inc. Elite Semiconductor Memory Technology Inc.
|
CY7C1371D-100AXI CY7C1371D-100BGI CY7C1373D-100BZI |
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 18兆位(为512k × 36/1M × 18)流体系结构,通过与NoBLTM的SRAM 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA119
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1354CV25-225AXI CY7C1354CV25-167AXI CY7C1356CV |
9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture 9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture 9兆位56 × 36/512K × 18)流水线的SRAM的总线延迟TM架构 9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture 9兆位56 × 36/512K × 18)流水线的SRAM的总线延迟,TM架构
|
Cypress Semiconductor Corp.
|
EM565168 EM565168BC-55_55G EM565168BC-70_70G EM565 |
512K x 16 Pseudo SRAM
|
http:// Etron Technology, Inc.
|
CY14B104LA-ZS25XIT CY14B104NA-BA20XI CY14B104NA-BA |
4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 512Kb x 8; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: TSOP 512K X 8 NON-VOLATILE SRAM, 25 ns, PDSO44 4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 256Kb x 16; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: FBGA
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
HY29LV800 HY29LV800T-55 HY29LV800T-55I HY29LV800T- |
8 Mbit (1M x 8/512K x 16) Low Voltage Flash Memory 8兆位00万x 8/512K × 16)低压快闪记忆体
|
Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
CY62148ELL-55SXA |
4-Mbit (512K x 8) Static RAM 512K X 8 STANDARD SRAM, 55 ns, PDSO32
|
Cypress Semiconductor, Corp.
|
CY7C1380D |
18-Mbit (512K x 36/1M x 18) Pipelined SRAM(18-Mb (512K x 36/1M x 18)管道式SRAM) 18兆位(为512k × 36/1M × 18)流水线的SRAM18 - MB的(12k × 36/1M × 18)管道式的SRAM
|
Cypress Semiconductor Corp.
|