PART |
Description |
Maker |
SML100A9 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:1000V,Id(cont):9A,Rds(on):1.100Ω)(N沟道增强高电压功率MOS场效应管(Vdss:1000V,Id(cont):9A,Rds(on):1.100Ω))
|
TT electronics Semelab Limited Semelab(Magnatec)
|
SML80H12 SML100H11 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:800V,Id(cont):11.5A,Rds(on):0.67Ω)(N沟道增强高电压功率MOS场效应管(Vdss:800V,Id(cont):11.5A,Rds(on):0.67Ω))
|
SemeLAB SEME-LAB[Seme LAB]
|
AS3833-ZSOT AS3833-ZTQT |
6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
|
ams AG
|
GBPC25005W GBPC25010W GBPC2508W GBPC2501W GBPC2502 |
HIGH CURRENT 15/25/35/AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS 18-A, 5-V Input, Non-Isolated Wide-Adjust SIP Module 12-SIP MODULE -40 to 85 HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 25 Amperes) HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes)
|
Surge Components PanJit International Inc. PANJIT[Pan Jit International Inc.]
|
XR-2001 XR-2002 XR2001 XR-2003 |
(XR-2001 - XR2-004) High Voltage / High Current Darlington Transistor Arrays (XR2001 - XR2004) High Voltage / High Current Darlington Transistor Arrays
|
Exar
|
29160B910JO0 29160B331JO0 29120B243JO0 29110B823JO |
Silver Mica Capacitor; Capacitance:10000pF; Capacitance Tolerance: 5%; Series:291; Voltage Rating:4000VDC; Capacitor Dielectric Material:Mica; Termination:Screw; Working Voltage, DC:4000V CAPACITOR, MICA, 0.01 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.0075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.00075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.000075 uF, CHASSIS MOUNT High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electr...
|
2SC3646 |
High-Voltage Switching Applications Adoption of FBET, MBIT Processes High Breakdown Voltage and Large Current Capacity
|
TY Semicondutor TY Semiconductor Co., Ltd
|
BC337 BC337-25 BC337-40 Q62702-C314-V3 BC337-16 BC |
Si-Epitaxial PlanarTransistors NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage) NPN硅晶体管自动对焦(高电流增益高集电极电流低集电极发射极饱和电压)
|
Siemens Semiconductor G... Diotec Elektronische Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
LT3845A LT3844 LTC3891 LT3741 LT37241 LTC3835-1 LT |
High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown High Voltage, Current Mode Switching Regulator Controller; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 0.3 A SWITCHING CONTROLLER, 220 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage, Current Mode Switching Regulator Controller
|
Linear Technology, Corp.
|
SCPNP10 SCPNP15 SCPND10 SCPND15 SCPND5 SCPNN10 SCP |
STANDARD RECOVERY HIGH VOLTAGE DOUBLER AND CENTER TAPS High Voltage,High Current, Standard Recovery Center Tap Rectifier(反向电压5000V,温5℃时平均整流电流11A,高压,大电流,标准恢复正中心抽头整流器)
|
Semtech Corporation
|
CZTA44HC10 |
SURFACE MOUNT HIGH CURRENT HIGH VOLTAGE NPN SILICON TRANSISTOR
|
Central Semiconductor Corp
|