PART |
Description |
Maker |
C7602A |
1C 22 7/30 TC PV HOOK-UP WIRE
|
General Cable Technolog...
|
UL1015 |
Hook-Up Wire
|
General Cable
|
C2100A |
HOOK-UP WIRE
|
General Cable Technologies Corporation
|
T555715M01-PAE T555701M01-PAE T555715M01-DBW T5557 |
COMPACT VIDEO SPLITTER 8 CHANNEL COMPACT VIDEO SPLITTER 4 CHANNEL Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes USB 2.0 MULTI-PLUS CARD READER Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes CAT5 MULTI VIDEO TRANSMITVIDEO,RS232 AND STEREO AU TV PHOTO VIEWER MEDIA PLAYER CONNECTOR ACCESSORY 连接器附 multifunctional 330-bit read/write RF-identification IC 多功330位的写射频识别IC
|
Atmel Corp. Atmel, Corp.
|
C1320.21.01 C13202101 |
Hook-Up Wire, PVC Test Lead, No. of Conductors: 1, Gauge Size (AWG): 18
|
General Cable Technologies Corporation
|
19179-0019 |
HOOK INSULKRIMP (C-211-10X) 6 mm2, BRASS, HOOK TERMINAL
|
Molex, Inc.
|
FMS2011-000-WP FMS2011 FMS2011-000-EB FMS2011-000- |
Hook-Up Wire; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Color:Red; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Color:Black; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Brown; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes SP6T GaAs Multi-Band GSM Antenna Switch
|
FILTRONIC[Filtronic Compound Semiconductors]
|
C2016.21.08 C20162108 |
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: 7/30
|
General Cable Technologies Corporation
|
C2016.21.19 C20162119 |
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: 7/30
|
General Cable Technologies Corporation
|
C21012101 |
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 22, Conductor/Strands: 7/30
|
General Cable Technologies Corporation
|
C20642104 C2064.21.04 |
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 18, Conductor/Strands: 16/30
|
General Cable Technologies Corporation
|