PART |
Description |
Maker |
AT80C51RD2 |
(AT8xC51Rx2) 80C51 High Performance ROM 8-bit Microcontroller
|
ATMEL Corporation
|
P80C58UFPN P80C58UBBB P87C51RC4A P87C51RC4B P87C51 |
80C51 8-bit microcontroller family 8K-64K/256-1K OTP/ROM/ROMless. low voltage 2.7V-5.5V). low power. high speed (33 MHz) 80C51位单片机系列8K-64K/256-1K检察官办公光盘/无ROM。低电压2.7V.5V)。低功耗。高速(33兆赫 80C51 8-bit microcontroller family 8K-64K/256-1K OTP/ROM/ROMless. low voltage 2.7V-5.5V). low power. high speed (33 MHz) 80C51位单片机系列8K-64K/256-1K检察官办公光盘/无ROM。低电压.7V.5V)。低功耗。高速(33兆赫 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless/ low voltage 2.7V.5.5V/ low power/ high speed 33 MHz (360.35 k) 80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
|
NXP Semiconductors N.V. Philips Semiconductors
|
S87C552-5A68 S87C552-4BA S87C552-4A68 87C552 |
80C51 8-bit microcontroller 8K/256 OTP/ 8 channel 10 bit A/D/ I2C/ PWM/ capture/compare/ high I/O 80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
|
Philips Semiconductors NXP Semiconductors
|
P89LPC915FDH P89LPC916FDH P89LPC917FDH P89LPC917FD |
8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter 8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter; Package: SOT403-1 (TSSOP16) 8-BIT, FLASH, 18 MHz, MICROCONTROLLER, PDSO16 P89LPC915/916/917; 8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
|
NXP Semiconductors N.V. Philips
|
80C54X2 P80C34X2 P87C54X2BDH P80C32X2BBD P87C54X2B |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
|
PHILIPS[Philips Semiconductors]
|
P87C51SBBB P87C51UFBB |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz CMOS single-chip 8-bit microcontrollers
|
Philips
|
8XC552 8XC562 |
80C51 FAMILY DERIVATIVES
|
NXP Semiconductors
|
8XC562 8XC552 |
80C51 FAMILY DERIVATIVES
|
PHILIPS[Philips Semiconductors]
|
P83C654X2FA |
80C51 8-bit microcontroller family 16 kB OTP/ROM, 256B RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz) 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQCC44
|
NXP Semiconductors N.V.
|
P83C660X2BBD P83C661X2BBD P87C660X2BBD P87C661X2BB |
80C51 8-bit microcontroller family
|
PHILIPS[Philips Semiconductors]
|