PART |
Description |
Maker |
FDN372S |
30V N-Channel PowerTrenchSyncFET 2600 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench SyncFET
|
Fairchild Semiconductor, Corp.
|
FDS4435BZ07 FDS4435BZ |
P-Channel PowerTrench? MOSFET -30V, -8.8A, 20mΩ P-Channel PowerTrench㈢ MOSFET -30V, -8.8A, 20mヘ
|
Fairchild Semiconductor
|
STB60NH02L04 STB60NH02LT4 STB70NFS03L06 STB70NFS03 |
N-Channel 24V - 0.0062ohm - 60A - D2PAK STripFET TM III Power MOSFET N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET TM II Power MOSFET 10 OHM, Quad, SPST, CMOS Analog Switches RADIATION HARD 4096 x 1 BIT STATIC RAM 4 Mbit (512 Kbit x 8) ZEROPOWER SRAM 5.0 V PC real-time clock N-channel 60V - 0.0075ohm - 70A - D2PAK STripFET TM III Power MOSFET for DC-DC conversion N-channel - 30V - 0.0075ohm - 70A D2PAK STripFET TM Power MOSFET plus schottky rectifier N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET N-CHANNEL 24V - 0.0085 ohm - 60A D2PAK STripFET TM III POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] MAXIM ZARLINK
|
STS4DNFS30L 8566 STS4DNFS30 |
N-CHANNEL 30V - 0.044 OHM - 4A SO-8 STRIPFET II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.044 OHM - 4A SO-8 STRIPFET II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET⑩ II MOSFET PLUS SCHOTTKY RECTIFIER From old datasheet system N-CHANNEL POWER MOSFET N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET?/a> II MOSFET PLUS SCHOTTKY RECTIFIER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
STS17NF3LL 8678 |
N-CHANNEL 30V - 0.0045 ohm - 17A SO-8 STripFETII MOSFET FOR DC-DC CONVERSION N-CHANNEL 30V - 0.0045 ohm - 17A SO-8 STripFET⑩ II MOSFET FOR DC-DC CONVERSION From old datasheet system N-CHANNEL PowerMESH MOSFET N-CHANNEL 30V - 0.0045 ohm - 17A SO-8 STripFET II MOSFET FOR DC-DC CONVERSION
|
意法半导 STMicroelectronics ST Microelectronics
|
IRF3707Z IRF3707ZS IRF3707ZL |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
STP60NF03L06 STP60NF03L |
60 A, 30 V, 0.015 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-channel 30V - 0.008ヘ - 60A TO-220 STripFET⑩ Power MOSFET N-channel 30V - 0.008Ω - 60A TO-220 STripFET Power MOSFET N-channel 30V - 0.008Ω - 60A TO-220 STripFET?/a> Power MOSFET
|
STMicroelectronics
|
FDB887010 FDB8870F085 FDB8870-F085 |
30V N-Channel PowerTrenchMOSFET N-Channel PowerTrench? MOSFET 30V, 160A, 3.9mΩ
|
Fairchild Semiconductor
|
ZXMP3A16DN8TC ZXMP3A16DN8 ZXMP3A16DN8TA |
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 双P沟道增强型MOSFET0V DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 4200 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
ZXMC3A18DN8 ZXMC3A18DN8TA ZXMC3A18DN8TC |
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET 7.6 A, 30 V, 0.025 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET N & P-channel MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|