PART |
Description |
Maker |
M95320-VBN1T M95640-VBN1T M95640-VBN3T M95640-VBN5 |
16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock RECTIFIER SBR DUAL 40A 100V 300A-ifsm 830mV-vf 0.5mA-ir TO-220AB 50/TUBE Low voltage PLL stereo decoder Octal Transparent D-Type Latches With 3-State Outputs 20-TSSOP -40 to 85 GreenChip SMPS controller IC RECTIFIER SBR DUAL 40A 100V 300A-ifsm 830mV-vf 0.5mA-ir TO-247 50/TUBE TV sound AM-demodulator and audio source switch 64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock 64/32/16/8千位串行SPI总线的EEPROM高速时 64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock 64Kbit32Kbit SPI总线串行EEPROM的高速时 64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock 64Kbit2Kbit SPI总线串行EEPROM的高速时 Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-89 -40 to 85 64/32/16/8千位串行SPI总线的EEPROM高速时 Mains LED driver IC's 64/32/16/8千位串行SPI总线的EEPROM高速时 I2C-bus controlled economic BTSC stereo decoder and audio processor 64Kbit2Kbit SPI总线串行EEPROM的高速时 64 x 36 x 2 bidirectional synchronous FIFO memory 132-BQFP 0 to 70 64/32/16/8千位串行SPI总线的EEPROM高速时 Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 -40 to 85 4K X 8 SPI BUS SERIAL EEPROM, PDSO14
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
TEA6422D TEA6422 E-TEA6422D E-TEA6422DT |
BUS-CONTROLLED AUDIO MATRIX
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
TEA6420 TEA6420D -TEA6420D |
BUS-CONTROLLED AUDIO MATRIX
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
TDA9855 TDA9855WP |
I2C-bus controlled BTSC stereo/SAP decoder and audio processor
|
NXP Semiconductors
|
UDA1335H |
Universal Serial Bus USB Audio Playback Recording Peripheral APRP
|
Philips Semiconductors
|
25C640 |
The 25C640 is a 64K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data
|
Microchip
|
M93C46 4997 M93C46-RDW5 M93C86-RBN1 |
1K X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 From old datasheet system 16K/8K/4K/2K/1K/256 (x8/x16) Serial Microwire Bus EEPROM
|
STMICROELECTRONICS
|
AT25160AY1-10YU-2.7 AT25640AY1-10YU-2.7 AT25080A-W |
2K X 8 SPI BUS SERIAL EEPROM, DSO8 8K X 8 SPI BUS SERIAL EEPROM, DSO8 10MS, DIE, 2.7V, 11 MILS THICKNESS(SERIAL EE) 4K X 8 SPI BUS SERIAL EEPROM, UUC
|
ATMEL CORP
|
WT62P1-N40 WT62P1-N42 WT62P1-N28 WT62P1-K42 WT62P1 |
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface 数字控制的通用串行总线(USB)显示器微控制器接口
|
TE Connectivity, Ltd. Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
CAT25C256LI-1.8-GT3 CAT25C256LI-1.8-GT2 CAT25C256L |
128K/256K-Bit SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDIP8 ROHS COMPLIANT, PLASTIC, DIP-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, SOIC-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO14
|
http:// CATALYST[Catalyst Semiconductor]
|
M61316SP M61311SP |
Bus Controlled 3ch Video Amp (15OMHz) I2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY I2C总线控制的视频预先登记的高分辨率显示屏放大器
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor] Hitec RCD USA, Inc.
|