PART |
Description |
Maker |
M27V512 M27V512-100B1TR M27V512-100B6TR M27V512-10 |
Programmable Logic Controller; For Use With:MicroSmart series PLCs; Supply Voltage:24VDC 512千位64Kb的x8低压紫外线EPROM和检察官办公室存储器 Quadruple 2-Input Positive-NAND Buffers/Drivers 14-PDIP 0 to 70 512千位64Kb的x8低压紫外线EPROM和检察官办公室存储器 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM 512千位64Kb的x8低压紫外线EPROM和检察官办公室存储器
|
STMicroelectronics N.V. Hitachi,Ltd. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27W512-100K6 M27W512-100K6TR |
512 Kbit (64 Kbit x8) low-voltage OTP EPROM
|
STMicroelectronics
|
M27W800-150K6TR M27W800 M27W800-100B6TR M27W800-10 |
8 Mbit (1Mb x 8 or 512Kb x 16), Low Voltage UV EPROM and OTP EPROM 8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM 8兆8512KB × 16低压紫外线存储器和OTP存储 81兆812KB × 16低压紫外线存储器和OTP存储 8 MBIT (1MB X 8 OR 512KB X 16) LOW VOLTAGE UV EPROM AND OTP EPROM 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27C512-10 M27C512-12F1 M27C512-12F1E M27C512-12F1 |
CAP 620PF 200V 1% NP0(C0G) RAD.20 T&R R-MIL-PRF-20 STANDOFF 1-To-4 Address Register/Driver With 3-State Outputs 80-TSSOP -40 to 85 512千位4K的8)紫外线存储器和OTP存储 SERVSWITCH USB COAX CPU CABLES, WITH AUDIO 50FT 512千位64Kb的x8紫外线存储器和OTP存储 512 Kbit (64K x8) UV EPROM and OTP EPROM 512千位4K的8)紫外线存储器和OTP存储 512 Kbit 64Kb x8 UV EPROM and OTP EPROM 512千位64Kb的x8紫外线存储器和OTP存储 SMM310; Package: HG-MMA-4; Acoustic Sensitivity: -42.0 dBV/Pa; Signal to Noise: 59.0 dB(A); V<sub>DD</sub> (min): 1.5 V; V<sub>DD</sub> (max): 3.3 V; Distortion Treshold: 110.0 dBSPL; 512千位64Kb的x8紫外线存储器和OTP存储 CAP 39PF 200V 5% NP0(C0G) AXIAL T&R R-MIL-PRF-20 CAP 33PF 50V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR MARKED Fuses, 100mA 250V SB 5X15 BULK CAP 3.3PF 100V /-0.25PF NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 2700PF 50V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 3300PF 100V 1% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 33PF 100V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 2200PF 50V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR MARKED CAP 220PF 100V 1% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 220PF 50V 2% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 330PF 100V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR MARKED CAP 330PF 50V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 24PF 50V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR 20-Bit Buffer/Driver With 3-State Outputs 56-SSOP -40 to 85 CAP 100UF 63V ALUM ELECT, 20% LOW ESR SMD, 10X10.2 CAP 220PF 100V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 8200UF 450V ELECT SCREW TERM GLASS TUBE FOR DS80 IRON PKG/4 SERV SWITCH USB COAX CPU CABLES 50 FT SERV SWITCH USB COAX CPU CABLES 35 FT 512 KBIT (64KB X8) UV EPROM AND OTP EPROM 64K X 8 OTPROM, 200 ns, PDIP28 64K X 8 OTPROM, 100 ns, PDSO28 64K X 8 OTPROM, 150 ns, PQCC32 64K X 8 OTPROM, 120 ns, PDIP28 64K X 8 OTPROM, 120 ns, PQCC32 64K X 8 OTPROM, 200 ns, PQCC32
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M24512-HR M24512-R M24256-BHR M24256-BR M24512-WDW |
64K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 512 Kbit and 256 Kbit serial I?C bus EEPROM with three Chip Enable lines 512 Kbit and 256 Kbit serial I虏C bus EEPROM with three Chip Enable lines 512 Kbit and 256 Kbit serial I2C bus EEPROM with three Chip Enable lines
|
STMicroelectronics
|
UHR-5/4000-D48 UHR-12/1650-D48 UHR-12/1650-D12 UHR |
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM 512 Kbit and 256 Kbit serial I²C bus EEPROM with three Chip Enable lines 512 Kbit and 256 Kbit serial I²C bus EEPROM with three Chip Enable lines 型DC - DC电压转换 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM 型DC - DC电压转换
|
EEPROM NIC Components, Corp. PLX Technology, Inc.
|
M87C257-20C1TR M87C257-20C3TR M87C257-20C6TR M87C2 |
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
|
STMicroelectronics
|
M48T512Y10 M48T512V-70PM1 M48T512Y-70PM1 M48T512V- |
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER庐 SRAM 5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER? SRAM
|
STMicroelectronics
|
M27W201 M27W201-100B6TR M27W201-100F6TR M27W201-10 |
1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
UL1402P UL1401P UL1403P UL1403 UL1402 |
Wzmacniacz mocy m.cz. From old datasheet system OBUDOWA CE 74 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
|
List of Unclassifed Manufacturers UNITRA CEMI Ultra CEMI ETC[ETC] Electronic Theatre Controls, Inc.
|
UL1231 UL1221 |
Wzmacniacz p.cz. z kluczowanARW 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
|
Ultra CEMI
|