PART |
Description |
Maker |
KBPC15005 KBPC1510 KBPC1501 KBPC1502 KBPC1504 KBPC |
Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP -40 to 125 SINGLE PHASE SILICON SINGLE PHASE SILICON SINGLE PHASE SILICON BRIDGE RECTIFIER Voltage: 50 TO 1000V CURRENT:15A
|
涓?捣???绉???????? CHENYI[Shanghai Lunsure Electronic Tech] Chenyi Electronics
|
5500.2058 |
Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 3A; Leakage Current Rating: 0.5 mA 250 V, 50 HZ, SINGLE PHASE EMI FILTER
|
SCHURTER AG
|
1502A 1502FA 1506A 1506FA 1506UFA 1510FA 1502UFA 1 |
200 V - 1,000 V Single Phase Bridge 22.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time 1000 V single phase bridge 22-25 A forward current, 70 ns recovery time 1000 V single phase bridge 22-25 A forward current, 3000 ns recovery time 200 V single phase bridge 22-25 A forward current, 70 ns recovery time 1000 V single phase bridge 22-25 A forward current, 150 ns recovery time 600 V single phase bridge 22-25 A forward current, 70 ns recovery time 600 V single phase bridge 22-25 A forward current, 150 ns recovery time 600 V single phase bridge 22-25 A forward current, 3000 ns recovery time 200 V single phase bridge 22-25 A forward current, 150 ns recovery time 200 V single phase bridge 22-25 A forward current, 3000 ns recovery time
|
Voltage Multipliers Inc...
|
1106A 1106FA 1106UFA 1102FA 1102A 1102UFA 1110A 11 |
200 V - 1,000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time 200 V - 1000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.] ETC[ETC]
|
1106FF 1102UFF 1102FF 1110F 1110FF |
600 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time
|
Voltage Multipliers
|
GSIB480 GSIB420 GSIB440 GSIB460 |
Single-Phase Single In-Line Bridge Rectifier, Forward Current 4.0A
|
Vishay
|
GSIB15A80 GSIB15A20 GSIB15A40 GSIB15A60 |
Single-Phase Single In-Line Bridge Rectifier, Reverse Voltage 200 to 800V, Forward Current 15A
|
VISAY[Vishay Siliconix]
|
KBPC5010 KBPC50005 |
HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIERS
|
SEMTECH ELECTRONICS LTD.
|
EN6041A STK672-110-E |
Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
|
Sanyo Semicon Device
|
EVAL-ADE7953EBZ ADE7953ACPZ-RL |
Single Phase, Multifunction Metering IC with Neutral Current Measurement
|
Analog Devices
|
KBPC1510 KBPC1506 |
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
|
SEMTECH ELECTRONICS LTD.
|