PART |
Description |
Maker |
KTLP350H |
This unit is 8.lead DIP package
|
COSMO Electronics Corporation
|
PC3SD12NTZ PC3SD12YTZAF PC3SD12NXZAF |
VDRM : 600V, Cost effective Non-zero cross type DIP 6pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, PLASTIC, DIP-6/5 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, SMT, PLASTIC, DIP-6/5
|
Sharp Electrionic Components Sharp, Corp. Sharp Electronics, Corp.
|
5-1825059-8 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF12SATTR04=DIP,FLUSH,SMT-JL ( Tyco Electronics )
|
Tyco Electronics
|
1-1825059-6 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF04SATTR04=DIP,FLUSH,SMT-JL ( Tyco Electronics )
|
Tyco Electronics
|
PC3SH11YFZ PC3SH11YFZAF PC3SH11YIPB PC3SH11YIPBF |
VDRM : 600V, Reinforced insulation type Non-zero cross type DIP 4 pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER SMT, PLASTIC, DIP-4 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, SMT, PLASTIC, DIP-4
|
Sharp Electrionic Components Sharp Microelectronics of the Americas Sharp Electronics, Corp.
|
NTE1671 |
42-Lead DIP / Video Chroma Demod
|
ETC
|
AD7823YR-REEL7 AD7823YRM-REEL AD7823YRM-REEL7 AD78 |
2.7 V to 5.5 V 4.5 ms 8-Bit ADC in 8-Lead microSOIC/DIP
|
Analog Devices
|
H11B33SD H11B3300 |
1 CHANNEL DARLINGTON OUTPUT OPTOCOUPLER LEAD FREE, DIP-6
|
Fairchild Semiconductor, Corp.
|
SLOTTEN-4-17 SLOTTEN-2-17 SLOTTEN-3-17 SLOTTEN-5-1 |
SHIELDED, 288 uH - 432 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 286 uH - 630 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 230 uH - 310 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 72 uH - 163 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 303 uH - 765 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 66 uH - 136 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 67.2 uH - 100.2 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 52.7 uH - 71.3 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 67.2 uH - 100.8 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 280 uH - 432 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.76 uH - 2.64 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.2 uH - 1.8 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 2.4 uH - 5.4 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.25 uH - 2.75 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 2.9 uH - 3.9 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 18.7 uH - 25.3 uH, VARIABLE INDUCTOR DIP-5
|
Coilcraft, Inc.
|
1571983-1 ADF0404 1-1825002-3 ADF0204 ADF02STTR04 |
Switches Core Program DIP Switches - GD Series, High Feature Line DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; GDH02S04=DIP SWITCH ( Tyco Electronics ) Slide Switches Pushbutton Switches Snap Action Switches
|
Tyco Electronics
|
|