PART |
Description |
Maker |
K7N803601B K7N803649B-QC25 DS_K7N803601B K7M801825 |
512Kx36 & 1Mx18 Pipelined NtRAM 256Kx36 & 512Kx18-Bit Flow Through NtRAM 256Kx36 & 512Kx18-Bit Pipelined NtRAMTM THERMISTOR, NTC; Series:B572; Thermistor type:NTC; Resistance:5R; Tolerance, resistance:20%; Beta value:2800; Temperature, lower limit, beta value:25(degree C); Temperature, upper limit, beta value:100(degree C); Case RoHS Compliant: Yes 256Kx36 & 512Kx18-Bit Pipelined NtRAM 256Kx36
|
http:// Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
K7N801845B K7N803645B DSK7N803645B K7N803649B-QC25 |
256Kx36 & 512Kx18-Bit Pipelined NtRAMTM
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD.
|
K7N803645A K7N801845A |
256Kx36-Bit Pipelined NtRAMData Sheet 512Kx18-Bit Pipelined NtRAMData Sheet
|
Samsung Electronic
|
K7P801811B-HC27 K7P801811B-HC30 K7P801811B-HC25 K7 |
256Kx36 & 512Kx18 Synchronous Pipelined SRAM 256Kx36 & 512Kx18 Synchronous Pipelined SRAM 256Kx36
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
GVT71256ZC36 |
(GVT7xxxx) 256Kx36/512Kx18 Pipelined SRAM With Nobltm Architecture
|
Cypress Semiconductor
|
K7P801811M-H20 K7P801811M-H21 K7P801811M-H25 K7P80 |
256Kx36 & 512Kx18 SRAM 256Kx36 & 512Kx18 SRAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
A63P0636E-4.2F A63P0636 A63P0636E A63P0636E-2.6 A6 |
1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 100万米6位同步高的Burst计数器和流水线数据输出高速SRAM 1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 100万米36位同步高的Burst计数器和流水线数据输出高速SRAM DIODE ZENER SINGLE 500mW 6Vz 20mA-Izt 0.05 5uA-Ir 3.5Vr DO35-GLASS 5K/REEL
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
MCM63P818 MCM63P736 MCM63P736TQ100 MCM63P736ZP133R |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:8-2 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 256K X 18 CACHE SRAM, 5 ns, PQFP100 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 4 ns, PBGA119 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 5 ns, PQFP100 Replaced by PTH12000W :
|
MOTOROLA INC NEC, Corp. Motorola Mobility Holdings, Inc. Motorola, Inc.
|
UPD432232L |
2M-Bit CMOS Synchronous Fast SRAM 64K x 32-Bit Pipelined Operation
|
NEC Electronics
|
UPD4481182GF-A44 UPD4481182GF-A50 UPD4481182GF-A60 |
8M-BIT ZEROSB SRAM PIPELINED OPERATION 800万位ZEROSB SRAM的流水线操作 8M-BIT ZEROSB SRAM PIPELINED OPERATION
|
NEC, Corp. NEC Corp.
|
GS8321ZV36E-250I GS8321ZV36E-225I GS8321ZV36E-133 |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-TSSOP; Temperature Range: 0°C to 70°C 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 32 ZBT SRAM, 6.5 ns, PBGA165
|
GSI Technology, Inc.
|
K7P803611M-H21 K7P801811M K7P801811M-H20 K7P801811 |
256Kx36 & 512Kx18 SRAM
|
SAMSUNG[Samsung semiconductor]
|