PART |
Description |
Maker |
IXTQ23N60Q |
Discrete MOSFETs: Standard N-channel Types Power MOSFETs Q-Class
|
IXYS Corporation
|
IXTA2N80 IXTP2N80 |
Discrete MOSFETs: Standard N-channel Types
|
IXYS
|
IXTH20N60 |
Discrete MOSFETs: Standard N-channel Types
|
IXYS
|
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
IXTN21N100 IXTK21N100 |
Discrete MOSFETs: Standard N-channel Types High Voltage MegaMOSTMFETs
|
IXYS[IXYS Corporation]
|
IXTH6N120 IXTT6N120 |
Discrete MOSFETs: Standard N-channel Types High Voltage Power MOSFET
|
IXYS[IXYS Corporation]
|
IXTK128N15 |
Discrete MOSFETs: Standard N-channel Types High Current Mega MOS FET
|
IXYS Corporation
|
IXTH12N120 |
Discrete MOSFETs: Standard N-channel Types Power MOSFET, Avalanche Rated High Voltage
|
IXYS Corporation
|
IXTH24N50Q IXTT24N50Q |
Discrete MOSFETs: Standard N-channel Types N-Channel Enhancement Mode
|
IXYS Corporation
|
IXFK27N80 IXFK25N80 IXFN27N80 IXFN25N80 |
CAP,Polypropylene,60uF,10-% Tol,10 % Tol HiPerFETTM Power MOSFETs MOSFET with FAST Intrinsic Diode Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS[IXYS Corporation]
|