PART |
Description |
Maker |
BDJ0701HFV BDJ0901HFV BDJ0801HFV BDJ0801HFV-TR BDJ |
Low current Thermostat Output Temperature Sensor ICs
|
Rohm
|
BDJ0550HFV BDJ0600HFV BDJ0650HFV-TR BDJ0550HFV-TR |
Low Current Consumption Thermostat Output Temperature Sensor ICs
|
ROHM
|
MLL5232B MLL5221B MLL5234A MLL5231A MLL5231B MLL52 |
16000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) Single Output LDO, 200mA, Adj.(10 to 1.2V), High PSRR, Low Noise 5-SOT-23 -40 to 125 11 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 150mA, Adj.(1.22 to 2.5V), Low Input Voltage Requirement, Low Quiescent Current 5-SOT-23 -40 to 125 5.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 18 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 50mA, Fixed(1.5V), Cap Free, Low Noise, Low Input Voltage 5-SOT-23 -40 to 125 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 1.0A, Fixed(2.5V), Any cap, Low Input Voltage, Integrated SVS 6-SOT-223 -40 to 125 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 14 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 1.0A, Fixed(1.8V), Any cap, Low Input Voltage, Integrated SVS 6-SOT-223 62 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 2.4 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Fixed(4.8V), Low Quiescent Current, Power Good (PG) Output 8-PDIP -40 to 125 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Fixed(4.8V), Low Quiescent Current, Power Good (PG) Output 8-SOIC -40 to 125 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Adjustable(1.2 to 9.75V), Low Quiescent Current, Power Good (PG) Output 8-PDIP -40 to 125 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Adjustable(1.2 to 9.75V), Low Quiescent Current, Power Good (PG) Output 8-SOIC -40 to 125 3.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Fixed(3.3V), Low Quiescent Current, Power Good (PG) Output 8-PDIP -40 to 125 14 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Adjustable(1.2 to 9.75V), Low Quiescent Current, Power Good (PG) Output 8-TSSOP -40 to 125 4.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Fixed(3.3V), Low Quiescent Current, Power Good (PG) Output 8-TSSOP -40 to 125 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Fixed(3.0V), Low Quiescent Current, Power Good (PG) Output 8-PDIP -40 to 125 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Fixed(5.0V), Low Quiescent Current, Power Good (PG) Output 8-PDIP -40 to 125 18 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Fixed(2.5V), Low Quiescent Current, Power Good (PG) Output 8-SOIC -55 to 150 8.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 250mA, Fixed(2.5V), Low Quiescent Current, Power Good (PG) Output 8-PDIP -55 to 150 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Single Output LDO, 1.0A, Fixed(1.8V), Any cap, Low Input Voltage, Integrated SVS 6-SOT-223 -40 to 125 POT THUMBWHEEL 5K OHM AUDIO MSTBW 2,5/ 4-G RECTIFIER SCHOTTKY SINGLE 1A 70V 30A-Ifsm 0.79Vf 0.5A-IR SMA 3K/REEL Single Output LDO, 150mA, Fixed(1.5V), Low Input Voltage Requirement, Low Quiescent Current 5-SOT-23 -40 to 125 Single Output LDO, 150mA, Fixed(1.8V), Low Input Voltage Requirement, Low Quiescent Current 5-SOT-23 -40 to 125 500 mW GLASS SURFACE MOUNT ZENER DIODES
|
MICROSEMI CORP-SCOTTSDALE UltraVolt, Inc. Microsemi, Corp. Microsemi Corporation
|
PACDN046Y3 PACDN046Y6 PACDN046Y5 PACDN046Y4 PACDN0 |
Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:6.7A; Power Supply Mounting:Open Frame; External Depth:185mm; External Width:108mm; Operating Temp. Max:50 C Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:5.3A; Mounting Type:PCB; Output Current:5.3A; Output Current Max:7.3A; Output Current Min:0A; Output Power Max:110W RoHS Compliant: Yes TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
|
California Micro Devices Corporation
|
IL203 IL203-X007 IL203-X009 IL201 IL202 |
Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
|
Vishay Siliconix
|
BZY97C200GP BZY97C20GP BZY97C10 BZY97C100GP BZY97C |
1.5 W Zener Diodes Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) Sliding Charger with 4 AA NiMH Batteries; Output Current:360mA; Approval Bodies:cULus; External Depth:30mm; External Height:83mm; External Width:76mm Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 Ultracompact, Precision 3.0 V Voltage Reference; Package: TSOT; No of Pins: 5; Temperature Range: Automotive 1.5糯齐纳二极管
|
List of Unclassifed Man... List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
BCR402R |
LED Driver(Supplies stable bias current even at low battery voltage) Analog Silicon SSICs - output current: 20..60mA
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
MAX4173TESA MAX4173F-MAX4173T MAX4173FESA MAX4173F |
From old datasheet system Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier Low-Cost, SOT23, Voltage-Output,High-Side Current-Sense Amplifier(低成SOT23,电压输出,高边电流感应放大 Low-Cost / SOT23 / Voltage-Output / High-Side Current-Sense Amplifier
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
HFA1130 HFA1130EVAL HFA1130IB HFA1130IP FN3369 |
From old datasheet system 850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier 850MHz/ Output Limiting/ Low Distortion Current Feedback Operational Amplifier CAPACITOR 1500UF 200V ELECT TSUP
|
http:// INTERSIL[Intersil Corporation] HARRIS SEMICONDUCTOR
|
BDE0900G-TR BDE1000G-TR |
Thermostat Output Temperature ICs with Variable Detection Temperature Thermostat Output Temperature ICs with Variable Detection Temperature
|
Rohm
|
S218 |
Solid-State Panel Mount Relay; Output Device:Triac; Output Voltage Max:140Vrms; Output Voltage Min:20Vrms; Load Current Max:8A; Switching:Zero Cross; Output Current:8A; Output Type:SCR; Supply Voltage Max:8VDC
|
CRYDOM CORP
|
|