PART |
Description |
Maker |
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
FDB2572 FDP2572 FDB2572NL |
N-Channel PowerTrench MOSFET 150V, 29A, 54mз 4 A, 150 V, 0.054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 150V N-Channel UltraFET Trench MOSFET 29A, 0.056 Ohms @ VGS = 10V, TO-263/D2PAK Package 4 A, 150 V, 0.054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-Channel PowerTrench MOSFET 150V/ 29A/ 54m N-Channel PowerTrench MOSFET 150V, 29A, 54m蟹 N-Channel PowerTrench MOSFET 150V, 29A, 54m?/a>
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ZXM64P03X ZXM64P03XTA ZXM64P03XTC |
P-channel MOSFET 30V P-CHANNEL ENHANCEMENT MODE MOSFET 3800 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-187AA
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
SUP85N08-08 SUB85N08-08 |
N-Channel 75-V (D-S) 175 Degree Celcious MOSFET N通道75 - V(下副秘书长175度Celcious MOSFET N-Channel 75-V (D-S) 175C MOSFET N通道75 - V(下副秘书长75荤MOSFET N-Channel MOSFET N-Channel 75-V (D-S) 175C MOSFET
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
FDMS7650 |
30V N-Channel PowerTrench® MOSFET; 8-Power 56 (PQFN) 36 A, 30 V, 0.99 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench? MOSFET 30 V, 60 A, 0.99 mΩ N-Channel PowerTrench垄莽 MOSFET 30 V, 60 A, 0.99 m楼?
|
Fairchild Semiconductor, Corp.
|
STD2N50 STD2N50-1 STD2N50T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 2A I(D) | TO-252 晶体管| MOSFET的| N沟道| 500V五(巴西)直|甲(丁)|52 N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR -通道增强型功率MOS器件 STD2N50-1 I-PAK MOSFET-TRANSIT N-CHANNEL MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
FDP20AN06A0 FDB20AN06A0 FDB20AN06A0NL FDP20AN06A0N |
60V N-Channel PowerTrench MOSFET 60V, 45A 20mohm 45 A, 60 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench MOSFET 60V, 45A, 20m N-Channel PowerTrench MOSFET 60V, 45A, 20 milliohm N-Channel PowerTrench?? MOSFET 60V, 45A, 20m??? From old datasheet system N-Channel PowerTrench㈢ MOSFET 60V, 45A, 20mз N-Channel PowerTrench? MOSFET 60V, 45A, 20m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
ISB-A27-0 |
150 mA, 30 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET Ultrathin Miniature Package 4-channel N-channel MOSFET Array
|
Sanyo Semicon Device
|
OM6233SS OM6227SS OM6233SSV OM6231SS OM6232SS OM62 |
1000V Dual N-Channel MOSFET in a S-6D package 500V Dual N-Channel MOSFET in a S-6D package 400V Dual N-Channel MOSFET in a S-6D package 500V Dual N-Channel MOSFET in a S-6E package 1000V Dual N-Channel MOSFET in a S-6E package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 10 A, 1000 V, 1.3 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET HERMETIC SEALED, S-6D, SIP-6 400V Dual N-Channel MOSFET in a S-6E package 400V双N沟道MOSFET的在一个S - 6E条包 10 A, 1000 V, 1.3 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET HERMETIC SEALED, S-6E, SIP-6
|
International Rectifier Electronic Theatre Controls, Inc. Atmel, Corp.
|
|