PART |
Description |
Maker |
SD205 SD204 |
(SD204 / SD205) N-CHANNEL ENHANCEMEN-MODE D-MOS POWER FETs
|
List of Unclassifed Man... ETC[ETC] Topaz
|
FDFMA2N028Z08 FDFMA2N028Z |
20V Integrated N-Channel PowerTrenchMOSFET and Schottky Diode Integrated N-Channel PowerTrench㈢ MOSFET and Schottky Diode 20V, 3.7A, 68mヘ Integrated N-Channel PowerTrench庐 MOSFET and Schottky Diode 20V, 3.7A, 68m惟 Integrated N-Channel PowerTrench? MOSFET and Schottky Diode 20V, 3.7A, 68mΩ
|
Fairchild Semiconductor
|
STS4DPF20L 8006 |
DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET⑩ POWER MOSFET From old datasheet system DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET Dual P-CHANNEL POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFETPOWER MOSFET 双P沟道20V 0.07欧姆- 4A条的SO - 8 STripFET⑩功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
FDS6911 |
Fast switching speed, Low gate charge Dual N-Channel Logic Level PowerTrench? MOSFET 20V, 7.5A, 13mΩ Dual N-Channel Logic Level PowerTrench㈢ MOSFET 20V, 7.5A, 13mヘ Dual N-Channel Logic Level PowerTrench??MOSFET 20V, 7.5A, 13m??/td>
| SOP
|
List of Unclassifed Manufacturers FAIRCHILD[Fairchild Semiconductor]
|
FDG6332CF085 |
700 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET 20V N & P-Channel PowerTrench? MOSFETs 20V N & P-Channel PowerTrench?MOSFETs
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDMA520PZ FDMA520PZ08 |
Single P-Channel PowerTrench? MOSFET -20V, -7.3A, 30mΩ Single P-Channel PowerTrench㈢ MOSFET -20V, -7.3A, 30mヘ
|
Fairchild Semiconductor
|
STT5NF20V |
N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFET II POWER MOSFET N-CHANNEL 20V 0.030 OHM 5A SOT23-6L 2.7-DRIVE STRIPFET II POWER MOSFET N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFETII POWER MOSFET N沟道20V 0.030欧姆- 5A条采用SOT23 - 6L 2.7 -驱动STripFET⑩二功率MOSFET
|
ST Microelectronics STMicroelectronics N.V.
|
STS5DNF20 STS5DNF20V 7608 |
N-CHANNEL 20V - 0.030 OHM - 5A SO-8 2.7V-DRIVE STRIPFET II POWER MOSFET N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET II POWER MOSFET N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET⑩ II POWER MOSFET N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET From old datasheet system N-CHANNEL POWER MOSFET
|
STMICROELECTRONICS [STMicroelectronics] ST Microelectronics
|
IRL3714Z IRL3714ZL IRL3714ZS |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier IR
|
STT5PF20V |
P-CHANNEL 20V - 0.065W - 5A SOT23-6L 2.5V-DRIVE STripFET II POWER MOSFET From old datasheet system P-CHANNEL 20V - 0.065 OHM - 5A SOT23-6L 2.5V-DRIVE STRIPFET II POWER MOSFET
|
意法半导 ST Microelectronics
|
STP210NF02 STB210NF02-1 STB210NF02 8543 STB210NF02 |
N-CHANNEL 20V - 0.0026 ohm - 120A D?PAK/I?PAK/TO-220 STripFETII POWER MOSFET N-CHANNEL 20V - 0.0026 ohm - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 20V - 0.0026 ohm - 120A D2PAK/I2PAK/TO-220 STripFET?/a> II POWER MOSFET N-CHANNEL 20V - 0.0026 OHM - 120A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET From old datasheet system N-CHANNEL 20V - 0.0026 ohm - 120A D?PAK/I?PAK/TO-220 STripFET⑩ II POWER MOSFET N-CHANNEL 20V - 0.0026 OHM - 120A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|