PART |
Description |
Maker |
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
M74HC541RM13TR M74HC541TTR M74HC541 M74HC541B1R M7 |
OCTAL BUS BUFFER WITH 3 STATE OUTPUT (NON INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M74HC241HV M74HC241HVB1R M74HC241HVC1R M74HC241HVF |
Octal Bus Buffer with 3 State Outputs(涓??杈??????荤嚎缂???????)) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC240HV: INVERTED - HC241HV NON INVERTED
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] http://
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
74VHC244 74VHC244M 74VHC244T 6169 |
From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
|
STMICROELECTRONICS[STMicroelectronics]
|
TC74ACT240F TC74ACT240FT TC74ACT240FW TC74ACT240P |
OCTAL BUS BUFFER
|
TOSHIBA[Toshiba Semiconductor]
|
TC7MET540AFK07 TC7MET540AFK TC7MET541AFK |
Octal Bus Buffer
|
Toshiba Semiconductor
|
MC74VHCT541ADTG MC74VHCT541ADTR2 MC74VHCT541ADTRG |
Octal Bus Buffer
|
ONSEMI[ON Semiconductor]
|
MC74VHC540DTR2G MC74VHC54011 |
Octal Bus Buffer
|
ON Semiconductor
|
74HC7240 |
OCTAL BUS BUFFER
|
STMicroelectronics
|
TC74HC244AF TC74HC240AF TC74HC240AP TC74HC240AP07 |
Octal Bus Buffer 八路总线缓冲
|
Toshiba, Corp. Toshiba Semiconductor
|