PART |
Description |
Maker |
MBRB1045TRL MBRB1045TRR |
45V 10A Schottky Common Cathode Diode in a D2-Pak package
|
International Rectifier
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
80CNQ040ASM 80CNQ045ASM 80CNQ040ASL 80CNQ045ASL 80 |
Microprocessor 2.32V Reset Monitor, -40C to 125C, 3-SC-70, T/R 45V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 40V 80A Schottky Common Cathode Diode in a D61-8-SL package 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 40V 80A Schottky Common Cathode Diode in a D61-8-SM package
|
International Rectifier
|
110CNQ045A 110CNQ045ASM 110CNQ045ASL |
45V 110A Schottky Common Cathode Diode in a D61-8-SL package 45V 110A Schottky Common Cathode Diode in a D61-8 package SCHOTTKY RECTIFIER New GenIII D-61 Package 110 Amp
|
IRF[International Rectifier]
|
10CTQ150 10CTQ150-1 10CTQ150S 10CTQ150STRL 10CTQ15 |
Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes 150V 10A Schottky Common Cathode Diode in a TO-220AB package 150V 10A Schottky Common Cathode Diode in a TO-262 package 150V 10A Schottky Common Cathode Diode in a D2-Pak package SCHOTTKY RECTIFIER 10 Amp Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:2; Leaded Process Compatible:Yes; Features:Aluminium Foil Polyester Tape RoHS Compliant: Yes 肖特基整流器10安培
|
IRF[International Rectifier] International Rectifier, Corp.
|
MBR3045WT MBR3035WT |
30 Amp Schottky Rectifier(30 A 肖特基整流器) 45V 30A Schottky Common Cathode Diode in a TO-247AC package
|
International Rectifier
|
SB100-05H |
50V/ 10A Rectifier Schottky Barrier Diode (Twin Type Cathode Common) 50V,10A Rectifier 50V, 10A Rectifier(用于高频整流应用的重复反向电50V,平均整流电0A 的整流器) 50V0A条整流器(用于高频整流应用的重复反向电压- 50V的平均整流电0A条的整流器)
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co., Ltd.
|
614-97-391-18-101-144 517-91-391-18-101-111 517-91 |
Pin grid array sockets and carrier with interstitial contact rows Solder tail 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY SINGLE 7.5A 50V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE 插针网格阵列插座并与承运人间质接触焊尾行 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 40V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 45V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY SINGLE 7.5A 60V 150A-ifsm 0.65V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 7.5A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 30V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13 RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 15A 35V 150A-Ifsm 0.7Vf 0.1A-IR D2PAK 800/REEL-13
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
61CNQ045SL 61CNQ045SM |
45V 60A Schottky Common Cathode Diode in a D61-6-SL package 45V 60A Schottky Common Cathode Diode in a D61-6-SM package
|
International Rectifier
|
SBA100-09J |
90V, 10A Rectifier(用于高频整流应用的重复反向电0V,平均整流电0A 整流 90V/ 10A Rectifier Schottky Barrier Diode (Twin Type Cathode Common) 90V, 10A Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|