PART |
Description |
Maker |
DLF-18-0002 |
DLF Linear choke 0.6A 1 ELEMENT, 650 uH, GENERAL PURPOSE INDUCTOR
|
SCHURTER AG
|
DLFL-0125-0501 DLFL-0125-08D5 DLFL-0132-45D2 DLFL- |
Linear/Saturating Choke
|
Schurter Inc.
|
DLH-22-0001 DLH-22-0005 DLH-22-0007 DLH-14-0002 DL |
DLH Linear choke 1.5A 1 ELEMENT, 500 uH, GENERAL PURPOSE INDUCTOR
|
Schurter Inc. SCHURTER AG
|
APC12G03-9MAJ APC12Y03-9MAJ APC12J03-91 APC12G03-9 |
CHOKE,AXIAL,CONFORMAL,33uH, 5% INDUCTIVE TOL,370 IDC, CHOKE,AXIAL,CONFORMAL,1uH, 10% INDUCTIVE TOL,385 IDC, CHOKE,AXIAL,CONFORMAL,82uH, 5% INDUCTIVE TOL,290 IDC, CHOKE,AXIAL,CONFORMAL,27uH, 10% INDUCTIVE TOL,390 IDC, CHOKE,AXIAL,CONFORMAL,120uH, 5% INDUCTIVE TOL,100 IDC, SOCKET,SHORT BLKS,BLK,OPEN -10 CHOKE,AXIAL,CONFORMAL,390uH, 5% INDUCTIVE TOL,133 IDC, CHOKE,AXIAL,CONFORMAL,22uH, 5% INDUCTIVE TOL,140 IDC, CHOKE,AXIAL,CONFORMAL,10uH, 5% INDUCTIVE TOL,130 IDC, CHOKE,AXIAL,CONFORMAL,100uH, 5% INDUCTIVE TOL,275 IDC, SOCKET,SHORT BLKS,BLK,CLOSE, (10) CHOKE,AXIAL,CONFORMAL,1000uH, 5% INDUCTIVE TOL,100 IDC, CHOKE,AXIAL,CONFORMAL,47uH, 5% INDUCTIVE TOL,340 IDC, CHOKE,AXIAL,CONFORMAL,100uH, 5% INDUCTIVE TOL,125 IDC,
|
Astec America, Inc
|
8452 8451 8453 |
Choke EMC Suppression Choke 节流的EMC抑制电感
|
Filtran Ltd. Filtran, Ltd.
|
LPP-100-13.5 LPP-100-12 LPP-100-48 LPP-100-27 LPP- |
CHOKE,AXIAL,MOLDED RF,0.15uH, 10% INDUCTIVE TOL,1100 IDC 100W Single Output with PFC Function CHOKE,AXIAL,MOLDED RF,0.56uH, 10% INDUCTIVE TOL,495 IDC CHOKE,AXIAL,MOLDED RF,0.47uH, 10% INDUCTIVE TOL,590 IDC CHOKE,AXIAL,MOLDED RF,0.39uH, 10% INDUCTIVE TOL,640 IDC
|
Astrodyne, Inc.
|
1120-1R0M 1120-4R7M 1120-3R3M 1120-3R9M |
CHOKE RF RADIAL 1.0UH 20% 1 ELEMENT, 1 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF RADIAL 4.7UH 20% Leaded Choke; Series:1120; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.005ohm; Leaded Process Compatible:No 1 ELEMENT, 3.9 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC
|
9230-32-RC 9230-90-RC 9230-62-RC 9230-06-RC 9230-2 |
CHOKE RF MOLDED 3.3UH 10% IRON 1 ELEMENT, 3.3 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Choke, Axial Molded 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Choke, Axial Molded 1 ELEMENT, 56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Choke, Axial Molded 1 ELEMENT, 0.27 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 2.2UH 10% IRON 1 ELEMENT, 2.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 47UH 10% FERRITE 1 ELEMENT, 47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Choke, Axial Molded 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Choke, Axial Molded 1 ELEMENT, 0.15 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc.
|
HIP6019B HIP6019BCB |
Dual PWM Dual Linear, Micro Core/I-O/Clock/GTL, TTL 5-Bit VID DAC, Reg Core %/I-O %/Linear .5% Advanced Dual PWM and Dual Linear Power Control
|
Intersil Corporation
|
UU9LFNP-B-B222 UU9LFNP-B-B471 UU9LFHNP-HB681 UU9LF |
SINGLE PHASE EMI FILTER ROHS COMPLIANT PACKAGE-4 CHOKE COMMON MODE 0.68MH PC MNT SINGLE PHASE EMI FILTER CHOKE COMMON MODE 0.47MH PC MNT SINGLE PHASE EMI FILTER CHOKE COMMON MODE 4.7MH PC MNT SINGLE PHASE EMI FILTER CHOKE COMMON MODE 3.9MH PC MNT SINGLE PHASE EMI FILTER
|
Sumida, Corp. SUMIDA CORP
|
5800-150 5800-152 |
CHOKE RF HI CURRENT 15UH 1.28A 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR RF Choke; Series:5800; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Axial Leaded; Core Material:Ferrite; Current Rating:0.158A; Leaded Process Compatible:No; Mounting Type:Through Hole
|
Bourns, Inc. BOURNS INC
|
TCD1208AP E007584 TCD1208P |
TCD1208AP CCD (Charge Coupled Device) Linear Image Sensor LINEAR CCD IMAGE ARRAY,1 VERT PIXELS,2.16K HORIZ PIXELS,DIP From old datasheet system CCD LINEAR IMAGE SENSOR
|
Toshiba Corporation Toshiba. Toshiba Semiconductor
|
|