PART |
Description |
Maker |
FDI3632 FDP3632 FDB3632 |
N-Channel UltraFET ?Trench MOSFET 100V, 80A, 9mOhm N-Channel UltraFET Trench MOSFET 100V, 80A, 9m Ohm
|
Fairchild Semiconductor
|
STB80NF10 |
N-CHANNEL 100V - 0.012ohm - 80A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
|
STMicroelectronics
|
FDB3632 FDP3632 FDI3632 |
N-Channel PowerTrench MOSFET 100V/ 80A/ 9m N-Channel PowerTrench MOSFET 100V, 80A, 9mз
|
FAIRCHILD[Fairchild Semiconductor]
|
WTN9435 |
Surface Mount P-Channel Enhancement Mode Power MOSF ET
|
Weitron Technology
|
FDB035AN06A0 FDB035AN06A0NL |
N-Channel PowerTrench MOSFET 60V/ 80A/ 3.5m N-Channel PowerTrench MOSFET 60V, 80A, 3.5mз Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 80A, 0.0035 Ohms @ VGS = 10V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V, 80A, 3.5mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|
STW80NF55-08 8007 |
N-CHANNEL 55V - 0.0065ohm - 80A TO-247 STripFETPOWER MOSFET N-CHANNEL 55V - 0.0065ohm - 80A TO-247 STripFET POWER MOSFET N-CHANNEL 55V - 0.0065 OHM - 80A TO-247 STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 55V - 0.0065ohm - 80A TO-247 STripFET⑩ POWER MOSFET N-CHANNEL 55V - 0.0065 OHM - 80A TO-247 STRIPFET POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STB80NF55-06 STP80NF55-06FP STB80NF55-06-1 STB80NF |
N-channel 55V - 0.005з - 80A - TO-220 /FP - I2PAK - D2PAK STripFET⑩ II Power MOSFET N - CHANNEL 55V - 0.005ohm - 80A TO-262/TO-263 STripFET POWER MOSFET N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET N-channel 55V - 0.005?/a> - 80A - TO-220 /FP - I2PAK - D2PAK STripFET?/a> II Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STB75NF75 STP75NF75 P75NF STP75NF75F STBB75NF75 ST |
N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D?PAK STripFETII POWER MOSFET N-CHANNEL MOSFET N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D??AK STripFET??II POWER MOSFET N-CHANNEL 75V - 0.0095 ohm - 80A TO-220 / TO-220 FP/D PAK StripFET II POWER MOSFET N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D?PAK STripFET⑩ II POWER MOSFET N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/DPAK STripFET II POWER MOSFET N-CHANNEL 75V - 0.0095 OHM - 80A TO-220/TO-220FP/D2PAK STRIPFET II POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics ??????浣?
|
FDP8442 |
N-Channel PowerTrench® MOSFET 40V, 80A, 3.1mOhms N-Channel PowerTrench? MOSFET 40V, 80A, 3.1mΩ N-Channel PowerTrench垄莽 MOSFET 40V, 80A, 3.1m楼?
|
Fairchild Semiconductor
|
STD90N4F3 STP90N4F3 STU90N4F3 |
N-channel 40V - 5.4mΩ - 80A - DPAK - TO-220 - IPAK STripFET Power MOSFET N-channel 40V - 5.4mヘ - 80A - DPAK - TO-220 - IPAK STripFET⑩ Power MOSFET
|
STMicroelectronics
|
HUF76633S3S HUF76633P3 HUF76633S3ST HUF76633S3STNL |
38A,100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 39 A, 100 V, 0.037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 39A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 100V的五(巴西)直| 39A条(丁)|63AB 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 39 A, 100 V, 0.037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. Intersil, Corp.
|