PART |
Description |
Maker |
TFDU4100_05 TFDU4100-TR3 TFDU4100-TT3 |
Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation
|
VISAY[Vishay Siliconix]
|
TFBS4711 TFBS4711-TR1 TFBS4711-TR3 |
Serial Infrared Transceiver SIR, 115.2 kbit/s, 2.7 V to 5.5 V Operation Serial Infrared Transceiver SIR/ 115.2 kbit/s/ 2.7 V to 5.5 V Operation Serial Infrared Transceiver SIR, 115.2 kbit/s, \r\n2.7 V to 5.5 V Operation
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
TFDU6108 TFDU8108 |
Very Fast Infrared Transceiver Module (VFIR, 16 Mbit/s), Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
|
VISAY[Vishay Siliconix]
|
HSDL-3601 HSDL-3601_007 HSDL-3601_008 HSDL-3601_01 |
IrDA Compliant 4 Mb/s 5 V Infrared Transceiver HSDL-3601 · IrDA 1.1 Data Compliant 4Mb/s 5V Infrared Transceiver (Not Recommended for New Designs)
|
Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
HSDL-3603-007 |
IrDA 1.4 Data Compliant 4Mb/s 3-5V Infrared Transceiver IrDA? Data Compliant 4 Mbit/s Infrared Transceiver IrDA垄莽 Data Compliant 4 Mbit/s Infrared Transceiver
|
Agilent(Hewlett-Packard)
|
ASDL-3007 ASDL-3007-021 |
IrDA Data Compliant Low Power 115.2Kbit/s with Remote Control Infrared Transceiver FIBER OPTIC TRANSCEIVER, 0.009Mbps(Tx), 0.009Mbps(Rx), SURFACE MOUNT Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
|
Lite-On Technology, Corp. AVAGO TECHNOLOGIES LIMITED
|
HSDL-3612 HSDL-3612-007 HSDL-3612-038 HSDL-3612-03 |
IrDA庐 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver IrDA? Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
|
Lite-On Technology Corporation
|
ADM3311 ADM3311E ADM3311EARS-REEL25 ADM3311EARU-RE |
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?/a> 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle⑩ 15 kV ESD Protected. 2.7 V to 3.6 V Serial Port Transceiver with Green Idle JFET; Breakdown Voltage, V(br)gss:40V; Zero Gate Voltage Drain Current Min, Idss:-4mA; Zero Gate Voltage Drain Current Max, Idss:-16mA; Gate-Source Cutoff Voltage Max, Vgs(off):9V; Continuous Drain Current, Id:-16mA RoHS Compliant: No 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle 15 kV的ESD保护.7 V.6 V绿色串口收发闲置
|
AD[Analog Devices] Analog Devices, Inc.
|
PDIUSBP11A PDIUSBP11A_3 PDIUSBP11AD PDIUSBP11AD-T |
LINE TRANSCEIVER, PDSO14 Universal Serial Bus Transceiver From old datasheet system
|
NXP SEMICONDUCTORS Philips
|
PDIUSBP11 PDIUSBP11D PDIUSBP11DB PDIUSBP11PW PDIUS |
Universal Serial Bus transceiver LINE TRANSCEIVER, PDSO14
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
IRMS6453 |
4 Mb/s Infrared Data Transceiver
|
Infineon Technologies AG Vishay Siliconix
|