PART |
Description |
Maker |
STV-6502V-D01 STV-6502V/F-D01 |
Sensor Daughter Board for VS 6502 CMOS Image Sensor Module
|
ST Microelectronics
|
TK11034 TK11034M TK11034MTL TK11034MTL_34C TK11034 |
TEMPERATURE SENSOR IC ANALOG TEMP SENSOR-VOLTAGE, 1.57-1.65V, RECTANGULAR, SURFACE MOUNT TEMPERATURE SENSOR IC 温度传感器IC
|
TOKO, Inc. TOKO Inc. TOKO[TOKO, Inc]
|
ADT7483AARQZ-REEL ADT7483AARQZ-REEL7 ADT7483AARQZ |
Dual Channel Temperature Sensor and Over Temperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 2.50Cel, RECTANGULAR, SURFACE MOUNT
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
TMP06BKS-500RL7 TMP05BKS-500RL7 TMP05ART-REEL7 TMP |
±0.5°C Accurate PWM Temperature Sensor in 5-Lead SC-70 TV 22C 22#22D PIN PLUG 0.5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2Cel, RECTANGULAR, SURFACE MOUNT .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 1Cel, RECTANGULAR, SURFACE MOUNT TV 22C 22#22D SKT PLUG DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2Cel, RECTANGULAR, SURFACE MOUNT .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5ΣC高精度PWM温度传感器在5引脚SC - 70 ??.5?? Accurate PWM Temperature Sensor in 5-Lead SC-70
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7416-7418 EVAL-AD7416EB AD7417BR-REEL7 AD7417ARU |
Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I<SUP>2</SUP>C, ±1°C Accuracy Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 10位数字温度传感器(I2C接口芯片AD7416)和四通道ADC(AD7417/AD7418 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
|
Analog Devices, Inc. http://
|
EMC104307 EMC1043-4-ACZL-TR EMC1043-5-ACZL-TR EMC1 |
1C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, SQUARE, SURFACE MOUNT 1C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones 集成电路三温度传感器Beta补偿和双区域Hotter
|
SMSC Corporation SMSC, Corp. STANDARD MICROSYSTEMS CORP
|
TCN75 TC74 TC77 |
The TCN75 is a serially programmable temperature sensor that notifies the host controller when ambient temperature exceeds a user-programmed setpoint. Hysteresis is also programmable. The INT/CMPTR output is programmable as either a simple The TC74 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available as an 8-bit digita The TC77 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available at anytime as a 13
|
Microchip
|
ADT7461AARMZ-002 ADT7461AARMZ-2RL ADT7461AARMZ-RL7 |
±1?/a> Temperature Monitor with Series Resistance Cancellation ±1 Temperature Monitor with Series Resistance Cancellation Remote Thermal sensor. 4Ch DIGITAL TEMP SENSOR-SERIAL, 8BIT(s), 2.5Cel, SQUARE, SURFACE MOUNT
|
http:// ON Semiconductor
|
SA56004XDP SA56004AD SA56004ADP SA56004BD SA56004B |
SA56004X; /-1 Cel accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms 1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
|
PHILIPS[Philips Semiconductors]
|
EVAL-ADT7483EB ADT7483AARQZ-RL ADT7483AARQZ-R7 |
Dual Channel Temperature Sensor and Over Temperature Alarm
|
ON Semiconductor
|