PART |
Description |
Maker |
ST7MDT10-32 |
SDIP32/SO28 Connection Kit for ST7MDT10-DVP3
|
STMicroelectronics
|
ST7MDT20-T44/DVP ST7MDT20-T44 |
TQFP44 (10x10) Connection Kit for ST7MDT20-DVP3
|
STMicroelectronics 意法半导
|
ST7MDT20-T80 |
TQFP80 (14x14) connection kit for ST7MDT20-DVP3
|
STMicroelectronics
|
0424026 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
0501059 |
Feed-through terminal block, connection method: screw connection, cross section
|
PHOENIX CONTACT
|
0443023 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0393660000 |
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm2, Pitch: 7.62 mm, No. of poles: 5, 90°, Box
|
Weidmuller
|
0708580 |
Molded feed-through terminal block, with internal and external screw connection, vertical conductor connection, for 2.5-6 mm thick housing panels - HDFKV 50-VP
|
Phoenix Contact
|
0708593 |
Molded feed-through terminal block, with internal and external screw connection, vertical conductor connection, for 5-10 mm thick housing panels - HDFKV 50-VP-DP
|
Phoenix Contact
|
0708250 |
Molded feed-through terminal block, with solder connection inside, 4 mm?? screw connection outside, for housing walls up to 4 mm thickness, fixed with knurled nuts - VDFK 4
|
Phoenix Contact
|
AC7MDT10-D20 AC7MDT10-D20/S20 |
DIP20/SO20 connection kit for ST7MDT10-EMU3, includes SDIP20 flex adapter and SDIP20 to SO20 adapter
|
ST Microelectronics STMicroelectronics
|