PART |
Description |
Maker |
ST7MDT20-T64 ST7MDT20-T64_DVP ST7MDT20-T64DVP ST7M |
TQFP64 (14x14) Connection Kit for ST7MDT20-DVP3 TQFP64 (14x14) Connection Kit for ST7MDT20-DVP3
|
意法半导 STMicroelectronics
|
ST7MDT20-T80 |
TQFP80 (14x14) connection kit for ST7MDT20-DVP3
|
STMicroelectronics
|
ST7MDT10-32 |
SDIP32/SO28 Connection Kit for ST7MDT10-DVP3
|
STMicroelectronics
|
ST7MDT10-16/DVP |
DIP16/SO16 connection kit for ST7MDT10-DVP3
|
ST Microelectronics
|
RAD-SPL-2-N |
Antenna splitter, frequency range: 0.3 GHz ... 6 GHz, degree of protection: IP65, connection: 3 x N (female), suitable connection cable for the antenna connection (Order No. 2700677)
|
PHOENIX CONTACT
|
0421045 |
Power terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0611017 |
Connection honeycomb, Connection type: Screw mounting, Number of positions
|
PHOENIX CONTACT
|
0442079 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0441119 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0393660000 |
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm2, Pitch: 7.62 mm, No. of poles: 5, 90°, Box
|
Weidmuller
|
0708250 |
Molded feed-through terminal block, with solder connection inside, 4 mm?? screw connection outside, for housing walls up to 4 mm thickness, fixed with knurled nuts - VDFK 4
|
Phoenix Contact
|