PART |
Description |
Maker |
HYS64V32300GU HYS72V32300GU |
3.3 V 32M × 64-Bit SDRAM Module(3.3 V 32M × 64同步动态RAM模块) 3.3 V 32M × 72-Bit SDRAM Module(3.3 V 32M × 72同步动态RAM模块)
|
SIEMENS AG
|
IBM13M32734BCD |
32M x 72 2-Bank Registered/Buffered SDRAM Module(32M x 72 2组寄缓冲同步动态RAM模块) 32M × 72配置2,银行注缓冲内存模组2M × 72配置2组寄缓冲同步动态内存模块)
|
IBM Microeletronics International Business Machines, Corp.
|
KMM372V3200BS1 |
32M x 72 DRAM DIMM(32M x 72 动RAM模块) 32M × 72配置的DRAM内存2M × 72配置动态内存模块)
|
Samsung Semiconductor Co., Ltd.
|
MBM29DL321TD-80 MBM29DL321TD-80PBT MBM29DL321TD-80 |
FLASH MEMORY 32M (4M x 8/2M x 16) BIT Dual Operation CMOS 32M (4M x 8/2M x16) bit dual operation
|
Fujitsu Microelectronics
|
HYS64V16300GU-7-C2 HYS64V16300GU-7.5-C2 HYS64V3222 |
3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules 3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules 3.36米x 64/72-Bit 1银行128MByte SDRAM的模3.332M的x 64/72-Bit 2银行256MB的内存模68引脚无缓冲DIMM模块 3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules 3.36米x 64/72-Bit 1银行128MByte SDRAM的模.32M的x 64/72-Bit 2银行256MB的内存模68引脚无缓冲DIMM模块 32M X 64 SYNCHRONOUS DRAM MODULE, 5.4 ns, DMA168 32M X 64 SYNCHRONOUS DRAM MODULE, 6 ns, DMA168
|
Infineon Technologies AG Infineon Technologies A...
|
KM23V32005BTY KM23V32005BETY |
32M-Bit (4Mx8 /2Mx16) CMOS Mask ROM(32M(4Mx8 /2Mx16) CMOS掩膜ROM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
K9F5608Q0C K9F5608Q0C-D K9F5608Q0C-DCB0 K9F5608Q0C |
32M x 8 Bit NAND Flash Memory 32M x 8 Bit / 16M x 16 Bit NAND Flash Memory 512Mb/256Mb 1.8V NAND Flash Errata
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
28C17A-25/P 28C17A-25/L 28C17A-25I/L 28C17A-25I/P |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 128Kx8 EEPROM 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs x8的EEPROM
|
Microchip Technology, Inc.
|
W25Q80 W25Q16 W25Q32 |
8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
|
Winbond
|