PART |
Description |
Maker |
MAX152EVKIT |
Evaluation Kit for the MAX152
|
MAXIM - Dallas Semiconductor
|
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
265379 265375 265376 265378 65687 65686 236918 |
Evaluation Kit for the MAX2240 Evaluation Kit for the MAX2232, MAX2233 MAX2235 Evaluation Kit 5V-Powered, Multichannel RS-232 Drivers/Receivers PADLOCK EYES INSIDE MOUNT Inhalt pro Packung: 2 Stk. PADLOCK EYES PAIRS SURFACE MOUNT Inhalt pro Packung: 6 Stk. 锁双眼睛表面贴装Inhalt亲Packung沙头角 HEAVY DUTY STEEL LOCKOUT 重型钢锁 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高RS - 232收发器与0.1uF电容
|
Brady, Corp. Exar, Corp.
|
MAX2363EVKIT MAX2361EVKIT |
Evaluation Kit for the MAX2363 Evaluation Kit for the MAX2361
|
Maxim
|
26PCCFA6D 26PCBFA6D 26PCDFA6D 26PCAFA6D 26PCAFA6G |
DRUCKSENSORR 0 5 PSID 10O, Quad, SPST, CMOS Analog Switches Direct QPSK Modulator with VGA and PA Driver for 1.7GHz to 2.5GHz Applications Evaluation Kit for the MAX2720, MAX2721 Evaluation Kit for the MAX2900, MAX2901, MAX2902, MAX2903, MAX2904 DRUCKSENSOR 0 15 PSID DRUCKSENSOR 0 15 PSID
|
RF Micro Devices, Inc.
|
B1006 B1001 B1002 B1007 B1004 PE-69301 PE-69300 PE |
HDSL Transformers for Brooktree and Level One Chipsets - (11/97) Match:BT8960 LT3468ES5/LT3468ES5-1 Evaluation Kit LT3435IFE Evaluation Kit LTC4259A Evaluation Kit HDSL Transformers for Brooktree and Level One Chipsets - (11/97) Match:BT8921/BT8970 HDSL变压器Brooktree和第一级芯片组- 1/97)匹配:BT8921/BT8970
|
Electronic Theatre Controls, Inc.
|
MAX5417LEVKIT |
Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, and MAX5419_
|
MAXIM - Dallas Semiconductor
|
MAX2361EVKIT MAX2363WEVKIT MAX2361 MAX2363W |
Evaluation Kit for the MAX2361/MAX2363/MAX2365 Evaluation Kits
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX1168EVKIT/EVSYS |
Evaluation Kit/Evaluation System for the MAX1068/MAX1168
|
Maxim Integrated Products, Inc.
|