PART |
Description |
Maker |
EMTCG176-3G |
176KB Flash Smart Card IC Cryptography Engine
|
EMMICRO[EM Microelectronic - MARIN SA]
|
EMTCG176-3G |
176KB Flash Smart Card IC Cryptography Engine
|
EM Microelectronic
|
LH28F002SCH LH28F002SCH-L LH28F002SCN-L12 LH28F002 |
2-MBIT (256KB x 8) smart voltage flash memory 2-MBIT(256KBx8) SmartVoltage Flash MEMORY 2-MBIT (256 KB x 8) SmartVoltage Flash Memory
|
Sharp Electrionic Components
|
MAX1840 MAX1840EUB MAX1841EUB 2222 MAX1841 |
Low-Voltage SIM/Smart Card Level Translators in uMAX Low-Voltage SIM/Smart-Card Level Translators in µMAX Low-Voltage SIM/Smart Card Level Translators in MAX Low-Voltage SIM/Smart Card Level Translators in μMAX From old datasheet system Low-Voltage SIM/Smart Card Level Translators in レMAX
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LH28F160S3 LH28F160S3-L10 LH28F160S3-L13 LH28F160S |
LH28F160S3NS-L150 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 56 pin SSOP LH28F160S3HT-L130 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 56 pin TSOP LH28F160S3D-L100 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 64 pin SDIP LH28F160S3HNS-L120 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 56 pin SSOP LH28F160S3HNS-L10 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 56 pin SSOP LH28F160S3HD-L13 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 64 pin SDIP LH28F160S3HD-L10 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 64 pin SDIP LH28F160S3HB-L130 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 64 pin CSP LH28F160S3HB-L120 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 64 pin CSP LH28F160S3HB-L10 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 64 pin CSP 16-MBIT(2MBx8/1MBx16) Smart 3 Flash MEMORY 16-MBIT (2MBx8/1MBx16) Smart 3 Flash MEMORY LH28F160S3HB-L100 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 64 pin CSP LH28F160S3HB-L13 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 64 pin CSP LH28F160S3HB-L150 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 64 pin CSP LH28F160S3HD-L120 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 64 pin SDIP LH28F160S3HD-L150 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 64 pin SDIP LH28F160S3HNS-L100 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 56 pin SSOP LH28F160S3D-L13 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 64 pin SDIP LH28F160S3R-L10 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 56 pin TSOP LH28F160S3HR-L120 16MBIT (2MB x 8/1MB x 16)Smart 3 Flash Memory 56 pin TSOP
|
SHARP[Sharp Electrionic Components]
|
T83C5121 T85C5121 T89C5121 |
C51 Microcontroller with Serial Interface and Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 16K bytes ROM. C51 Microcontroller with Serial Interface and Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 16K bytes Code RAM. C51 Microcontroller with Serial Interface and Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 16K bytes Flash RAM.
|
Atmel
|
7P080ATA1003C25 7P192ATA1001C25 7P192ATA1000C25 7P |
Flash Memory Card(80M位闪速存储器 96M X 16 FLASH 5V PROM CARD, 250 ns, XMA68 56M X 16 FLASH 5V PROM CARD, 250 ns, XMA68
|
MICROSEMI CORP-PMG MICROELECTRONICS WHITE ELECTRONIC DESIGNS CORP
|
AT83C23OK AT83C23OKXXX-RATIM AT83C23OKXXX-SIRIM AT |
CardMan Smart@Link AT83C23OKxxx-SIRIM CardMan. Smart card interface. xxx - firmware version.
|
ATMEL Corporation
|
IFM008A |
3/5 Volt Series 100 Flash Memory Miniature Card(3/5V 100系列闪速存储器微型 8M X 8 FLASH 3V PROM CARD, 100 ns, XMA60
|
Intel, Corp.
|
IFM004G IFM008G |
5 V Series 200 Flash Memory Miniature Card(5V 200系列闪速存储器微型 256K X 16 FLASH 5V PROM CARD, 150 ns, XMA60 5 V Series 200 Flash Memory Miniature Card(5V 200系列闪速存储器微型 512K X 16 FLASH 5V PROM CARD, 150 ns, XMA60
|
Intel, Corp.
|
M29F002BT90P6 M29F002BT120K1 M29F002BT120K1T M29F0 |
From old datasheet system 2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory 2 MBIT (256KB X8, BOOT BLOCK) SINGLE SUPPLY FLASH MEMORY
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|