PART |
Description |
Maker |
EMTCG176-3G |
176KB Flash Smart Card IC Cryptography Engine
|
EMMICRO[EM Microelectronic - MARIN SA]
|
MAX1741EUB MAX1741 MAX1740EUB MAX1740 |
SIM/Smart Card Level Translators in ??AX SIM/Smart-Card Level Translators in µMAX SIM/Smart Card Level Translators in MAX SIM/Smart Card Level Translators in μMAX SIM/Smart Card Level Translators in レMAX SIM/Smart Card Level Translators in uMAX Digital Signal Processors 144-LQFP
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
IMC008FLSP |
8 MegaBaytes Series 2 Flash Memory Card(8M字节闪速存储器 4M X 16 FLASH 12V PROM CARD, 250 ns, XMA68
|
Intel, Corp.
|
T83C5121 T85C5121 T89C5121 |
C51 Microcontroller with Serial Interface and Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 16K bytes ROM. C51 Microcontroller with Serial Interface and Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 16K bytes Code RAM. C51 Microcontroller with Serial Interface and Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 16K bytes Flash RAM.
|
Atmel
|
AT83C23OK AT83C23OKXXX-RATIM AT83C23OKXXX-SIRIM AT |
CardMan Smart@Link AT83C23OKxxx-SIRIM CardMan. Smart card interface. xxx - firmware version.
|
ATMEL Corporation
|
MF38M1-LCDAGBM MF38M1-L6DAGAM MF38M1-LSDAGAM MF88M |
8M X 8 MULTI DEVICE SRAM CARD, 200 ns, XMA 8M X 8 FLASH 5V PROM CARD, 25 ns, XMA68 8M X 8 FLASH 5V PROM CARD, 70 ns, XMA68 20M X 8 FLASH 5V PROM CARD, 150 ns, XMA68 512K X 8 MULTI DEVICE SRAM CARD, 200 ns, XMA 256K X 8 MULTI DEVICE SRAM CARD, 200 ns, XMA
|
Ironwood Electronics Numonyx Asia Pacific Pte, Ltd.
|
LH28F320S3 LH28F320S3-L11 LH28F320S3-L14 LH28F320S |
32-MBIT (4MB x 8/2MB x 16)Smart 3 Flash Memory 32-MBIT(4MBx8/2MBx16)Smart 3 Flash MEMORY 32-MBIT (4MBx8/2MBx16) Smart 3 Flash MEMORY
|
SHARP[Sharp Electrionic Components]
|
K9S6408V0A-SSB0NBSP K9S6408V0A-SSB0 K9S6408V0A |
8M x 8Bit SmartMedia?Card Data sheet NAND Flash EEPROM From old datasheet system 8M x 8 Bit SmartMediaTM Card
|
Samsung Electronics Inc SAMSUNG[Samsung semiconductor]
|
LH28F008SCHB-V90 LH28F008SCHR-V90 |
8MBIT (1 MB x 8)Smart Voltage Flash Memory 42pin CSP 8MBIT (1 MB x 8)Smart Voltage Flash Memory 40pin TSOP
|
SHARP
|
73S8014RT-IL_F 73S8014RT-IL/F 73S8014RT-ILR/F |
Smart Card Interface
|
Teridian Semiconductor Corporation
|