PART |
Description |
Maker |
2N3906 2N3904 2N3417 2N4123 2N4125 2N4124 2N4400 2 |
Small Signal Transistors 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 ; Connector Type A:TX6 PLUS Modular Plug; Cable Length:10ft; Color:Off-white Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2N2223 2N2914 2N2915A 2N2916A 2N2917 2N2919 2N2919 |
Dual Transistors 40 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 300 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 30 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 30 mA, 60 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 200 mA, 15 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Leaded Small Signal Transistor Dual
|
Thomas Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2N3467 2N3468 2N3671 2N3734 2N3722 2N3868 2N3735 2 |
SMALL SIGNAL TRANSISTORS Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Seme LAB
|
BCX38A GES6014 2N5812 BCX38B |
Leaded Small Signal Transistor Darlington Small Signal Transistors
|
CENTRAL[Central Semiconductor Corp]
|
BC327-40-AP BC327-40 BC327-25-AP BC327-25 8852 |
500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 From old datasheet system SMALL SIGNAL PNP TRANSISTORS
|
STMicroelectronics
|
2N3134 2N3299 2N3252 2N3439 2N2854 2N2855 2N3110 2 |
SHROUDED HEADER 14 POS RT ANGLE NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 HEADER, 100MIL, 10PIN, VERTICAL, TH SHROUDED HEADER 10 POS RT ANGLE CONN, HEADER 2X5 PINS .10X.10 CENTERS STRAIGHT SHROUDED,LOW
|
Central Semiconductor C... Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] http://
|
MMUN2111LT1G MMUN2112LT1G |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors Small Signal Bias Resistor Transistor SOT23, (TO236AB) PNP 50V; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
Rectron Semiconductor
|
CMLT2222A |
SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc SURFACE MOUNT PICOmini DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
UMT3904 SST3904 2N3904 MMST3904 |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) NPN General Purpose Transistor
|
ROHM[Rohm]
|
MPSH10PSTOA FXT3866STZ UZTX415STOA UZTX415STOB ZTX |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
|