PART |
Description |
Maker |
CRX0505N CRX0512P |
(CRX05xx) 8-pin DIP type
|
TDK
|
PS7122A-1C PS7122AL-1C PS7122AL-1C-E3 PS7122AL-1C- |
Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 光纤耦合场效应晶体管光电耦合器(简称MOS场效应管输出光光隔离器 CAP 10000UF 80V ELECT THA SERIES 8-PIN DIP / 250 V BREAK DOWN VOLTAGE / TRANSFER TYPE 2-ch Optical Coupled MOS FET 8-PIN DIP, 250 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET 8-PIN DIP 250 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
SAS-029-DIP-AL SAS-029-SMT_DIP-AL SAS-029-SMT/DIP- |
SAS Connector 29 Pin for PCB (180隆? DIP Type) SAS Connector 29 Pin for PCB (180° DIP Type)
|
Yamaichi Electronics Co., Ltd.
|
PS7141-1A PS7141-1B PS7141C-2A PS7141CL-2A PS7141C |
Solid State Relay(固态继电器) 8-PIN DIP / 200 mA TYP. CURRENT LIMIT TYPE 2-ch Optical Coupled MOS FET 8-PIN DIP, 200 mA TYP. CURRENT LIMIT TYPE 2-ch Optical Coupled MOS FET
|
NEC Corp. NEC[NEC]
|
PS7142-1C PS7142L-1C PS7142L-1C-E3 PS7142L-1C-E4 |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 8-PIN DIP 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET Optical Coupled MOS FET Photocoupler(MOS 场效应管输出光光隔离器) 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET 8引脚DIP00伏电压分解,转移2型通道光学耦合场效应晶体管
|
NEC[NEC] NEC Corp. NEC, Corp.
|
S101DH1 S101DH2 S201DH1 S201DH2 |
16-Pin DIP Type SSR for Low Power Control 16引脚DIP型苏维埃社会主义共和国低功率控制
|
Sharp, Corp. Sharp Corporation SHARP[Sharp Electrionic Components]
|
254201MS |
2.54mm PITCH CENTER SINGLE PIN WAFER BREAKABLE S/T DIP TYPE
|
SUYIN USA, INC.
|
PC3SH21YIPB PC3SH21YFZ |
1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER SMT, PLASTIC, DIP-4 VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
|
Sharp Electronics, Corp. Sharp Electrionic Components
|
AK20D300-SOJ AK20D300-SSOP.8MM AK24D300-SOJ AK16D3 |
16 Pin to 24 Pin DIP Adapters 16引脚4引脚DIP适配 16 Pin to 24 Pin DIP Adapters 16引脚24引脚DIP适配
|
Accutek Microcircuit, Corp.
|
48-6645-18-P |
48-Pin 0.5mm QFP-to-48-Pin 0.600" DIP Adapter 48-Pin 0.5mm QFP-to-48-Pin 0.600 DIP Adapter QFP48-DIP48, IC SOCKET
|
Aries Electronics, Inc. ARIES ELECTRONICS INC
|
AM29821DM AM29825DM AM29823DM AM29821DC AM29821A/B |
10-Bit D-Type Flip-Flop 300V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package; A PVA3324N with Standard Packaging Complete Sensorless Drive Design Platform iMOTION Development System; A IRMCS2031 with Standard Packaging High-voltage DC-DC buck converter for HB-LEDs constant current control; A IRPLLED1 with Standard Packaging 9-Bit D-Type Flip-Flop 20V 1 Form A Photo Voltaic Relay in a 6-pin DIP Package; A PVN012 with Standard Packaging Halogen Convertor, 220/230VAC Input, 12VAC Output, 100VA Max; A IRPLHALO1E with Standard Packaging 250V 1 Form A Photo Voltaic Relay in a 6-pin SMT Package; A PVT312LS with Tape and Reel Packaging Digital dimming DALI (Digital Addressable Lighting Interface) compliant lighting linear ballast with 1% dimming, IR2159, U.S. version, 120VAC line, 32W/T8 lamp; A IRPLDIM2U with Standard Packaging A 3-Way CFL Dimming Ballast; A IRPLCFL4 with Standard Packaging 10位D型触发器 Octal D-Type Flip-Flop 八路D类触发器
|
Analog Devices, Inc.
|
H11L3-M H11L2MT H11L1MT-M H11L3MT-M H11L2MT-M H11L |
6-Pin DIP Schmitt Trigger Output Optocoupler 6-PIN DIP OPTOISOLATORS LOGIC OUTPUT 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps 64 Megabit, 3.0 Volt-Only Page Mode Flash Memory
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|