PART |
Description |
Maker |
BXA15-48T05-12F BXA15-24T05-12F BXA15-48T05-15F BX |
Low voltage CMOS 16-bit bus transceiver (3-state) with 3.6V tolerant inputs and outputs Low voltage CMOS 16-bit bus buffer (3-state inv.) with 3.6V tolerant inputs and outputs Low voltage CMOS 16-bit bus buffer (3-state) with 3.6V tolerant inputs and outputs Low voltage BICMOS 16 bit bus buffer with bus hold and power up 3-state 模拟IC
|
Advanced Interconnections, Corp.
|
E0C6S37 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,High Quality Display LCD Driver(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较高质量的LCD驱动器))
|
爱普生(中国)有限公
|
BS62LV2563TC BS62LV2563TI BS62LV2563 BS62LV2563DC |
5V ECL Differential Receiver; Package: SOIC; No of Pins: 8; Container: Rail Very Low Power/Voltage CMOS SRAM 32K X 8 bit 非常低功电压CMOS SRAM32K的8 Very Low Power/Voltage CMOS SRAM 32K X 8 bit 非常低功电压CMOS SRAM2K的8
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
E0C6S46 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200 4-Bit CMOS Core CPU,Dot Matrix LCD Driver,Programmable SVD Circuit/Sound Generator(4位高级的、CMOS、单片微型计算机(含4位E0C62000中央处理器核点阵LCD驱动器,可编程SVD电路/声音发生器))
|
爱普生(中国)有限公
|
K6T4016U3C K6T4016U3C-B K6T4016U3C-F K6T4016U3C-RB |
256Kx16 bit Low Power and Low Voltage CMOS Static RAM Surface Mount Resistors Thick Film Chip Resistors 256Kx16 bit Low Power and Low Voltage CMOS Static RAM 256Kx16位低功耗和低电压的CMOS静态RAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
MC74LCX125 MC74LCX125D MC74LCX125DT MC74LCX125SD M |
LOW-VOLTAGE CMOS QUAD BUFFER LVC/LCX/Z SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 LOW-VOLTAGE CMOS QUAD BUFFER 低电压CMOS四路缓冲
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc] http://
|
P87C51SBBB P87C51UFBB |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz CMOS single-chip 8-bit microcontrollers
|
Philips
|
AM29SL160CB-100ED AM29SL160CT-100EC AM29SL160CT-10 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29SL800CT150WBIB |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
Advanced Micro Devices
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
AMD[Advanced Micro Devices]
|
FMP1216AAX |
8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|