PART |
Description |
Maker |
RGP20B RGP20G RGP20J RGP20K RGP20M RGP20A RGP20D |
2.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-201AE
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
1N4002 1N4006 1N4003 1N4007 1N4007FF 1N4007RL 1N40 |
Axial Lead Standard Recovery Rectifiers 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Standard Recovery Rectifiers 1 A, 100 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Standard Recovery Rectifiers 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 (1N4001 - 1N4007) Axial Lead Standard Recovery Rectifiers 1A 400V Standard Rectifier 1A 800V Standard Rectifier 1A 200V Standard Rectifier 1A 100V Standard Rectifier 1A 600V Standard Rectifier
|
http:// ONSEMI[ON Semiconductor]
|
ADP2503 ADP2503ACPZ-2.8-R71 ADP2503ACPZ-3.3-R71 AD |
600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
|
Analog Devices
|
2SA1627AL-L-T60-K |
1000 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-126
|
UNISONIC TECHNOLOGIES CO LTD
|
S6189F10C S6189F6C S6189F8C S6189F6 |
9 AMP 600 - 1000 VOLTS FAST RECOVERY RECTIFIER
|
SOLID STATE DEVICES INC SSDI[Solid States Devices, Inc]
|
ATR0906 |
General-purpose VHF/UHF Power Amplifier (600 - 1000 MHz)
|
Atmel
|
MH57 MH58 MH56 |
HIGH EFFICIENCY RECTIFIERS(5.0A /600-1000V) HIGH EFFICIENCY RECTIFIERS(5.0A600-1000V) HIGH EFFICIENCY RECTIFIERS(5.0A,600-1000V)
|
MOSPEC[Mospec Semiconductor]
|
APT18F60B APT38F80L APT29F100L APT29F80J APT21M100 |
15 A, 600 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AB ROHS COMPLIANT, 3 PIN 22 A, 800 V, 0.28 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA ROHS COMPLIANT, T-MAX, 3 PIN 1000V, 29A, 0.46Max, trr ÷270ns N-Channel FREDFET 17 A, 1000 V, 0.46 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA Power FREDFET; Package: ISOTOP®; ID (A): 31; RDS(on) (Ohms): 0.21; BVDSS (V): 800; 44 A, 800 V, 0.24 ohm, N-CHANNEL, Si, POWER, MOSFET 31 A, 1000 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET Power FREDFET; Package: TO-247 [B]; ID (A): 14; RDS(on) (Ohms): 0.98; BVDSS (V): 1000; 53 A, 600 V, 0.62 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 800 V, 0.24 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA
|
Microsemi, Corp. MICROSEMI CORP
|
SKBZ28_14 SKBZ28 SKBZ28_04 SKBZ28_06 SKBZ28_08 SKB |
Controllable Bridge Rectifiers 600 V, SCR
|
SEMIKRON[Semikron International]
|
HER306 HER308 HER307 |
HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
|
MOSPEC[Mospec Semiconductor]
|
MH18 MH16 MH17 |
HIGH EFFICIENCY RECTIFIERS(1.0A /600-1000V) HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
|