PART |
Description |
Maker |
NTE2087 |
Integrated Circuit 4-Stage Darlington Array w/Pre-Drive Stage for TTL
|
NTE[NTE Electronics]
|
2MP04-018-15 2MP04-018-10 2MP04-018-12 2MP04018 |
Specifications The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
|
RMT Ltd.
|
PI74ST1G86CX PI74ST1G86 PI74ST1G86TX |
High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-SOIC -55 to 125 SOTiny Gate ST 2-Input Exclusive OR
|
Pericom Semiconductor Corp. PERICOM[Pericom Semiconductor Corporation]
|
IRH015020LW02 IRJ008010LW02 IRJ015020LW02 IRH05405 |
1500 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 800 MHz - 1000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 5400 MHz - 5900 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 9500 MHz - 10500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2300 MHz - 2500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 8500 MHz - 9600 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2000 MHz - 4000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 12000 MHz - 15000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX 2100 MHz - 2300 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 3700 MHz - 4200 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 16000 MHz - 19000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 9 dB CONVERSION LOSS-MAX 10000 MHz - 12000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX
|
MITEQ INC
|
HJK-20VH |
Frequency Mixer 1090 MHz - 1950 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 8.5 dB CONVERSION LOSS-MAX
|
Mini-Circuits
|
MCA1-80MH |
Frequency Mixer WIDE BAND 2800 MHz - 8000 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 8.7 dB CONVERSION LOSS-MAX
|
MINI[Mini-Circuits]
|
FVDB FVDB-055BHV FVDB-007B FVDB-007BGV FVDB-016B F |
Three phase double stage filter for industrial applications Thrre Phase Double Stage Filter for Inverters and Power Drives
|
PREMO CORPORATION S.L
|
MC74HC4060DT MC74HC4060N MC54HC4060J MC54_74HC4060 |
From old datasheet system 14-STAGE BINARY RIPPLE COUNTER WLTH OSCLLLATOR 14-Stage Binary Ripple Counter with Oscillator
|
ON Semi Motorola, Inc
|
XM1001-QH-0G0T XM1001-QH-0G00 XM1001-QH-EV1 |
10.0-34.0 GHz Image Reject Mixer QFN, 4x4 mm 10000 MHz - 33000 MHz RF/MICROWAVE IMAGE REJECTION MIXER 10.0-34.0 GHz Image Reject Mixer QFN, 4x4 mm 10.0-34.0 GHz的图像抑制混频器QFN封装 × 4
|
Mimix Broadband, Inc.
|
1SS88 |
Silicon Schottky Barrier Diode for CATV Balanced Mixer Schottky Barrier Diodes for Detection and Mixer
|
Hitachi Semiconductor
|
2SA817A E000600 |
TRANSISTOR (DRIVER STAGE, VOLTAGE AMPLIFIER APPLICATIONS) 晶体管(驱动级,电压放大器应用) TRANSISTOR (DRIVER STAGE/ VOLTAGE AMPLIFIER APPLICATIONS) DRIVER STAGE AMPLIFIER APPLICATIONS VOLTAGE AMPLIFIER APPLICATIONS From old datasheet system
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|