PART |
Description |
Maker |
RFD16N06LESM RFD16N06LESM9A |
Discrete Commercial N-Channel Power MOSFET, 60V, 16A, 0.047 Ohms @ VGS = 4.5V, TO-252/DPAK Package 16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
STD16NE06L-1 6086 |
N-CHANNEL 60V - 0.07 OHM - 16A - TO-251 - STRIPFET POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.07 - 16A - TO-251 STripFET TM " POWER MOSFET N - CHANNEL 60V - 0.07 ohm - 16A - TO-251 STripFET POWER MOSFET N-CHANNEL POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STP16NF06 STP16NF06FP STP60NF06FP |
N-CHANNEL 60V - 0.08 OHM - 16A TO-220/TO-220FP STRIPFET II POWER MOSFET N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET?/a> II POWER MOSFET N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET II POWER MOSFET N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET⑩ II POWER MOSFET N-CHANNEL Power MOSFET
|
http:// STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STB16PF06LT4 STB16PF06L |
P-CHANNEL 60V - 0.11 Ohm - 16A D2PAK STripFET MOSFET P-CHANNEL 60V - 0.11ohm - 16A D2PAK STripFET MOSFET P通道60V 0.11Ω 16A条采用D2PAK STripFET MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
RFT3055 RFT3055LE HGTG20N120CND FN4537 |
2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET 2.0安培0V的,0.150 Ohm的N通道,逻辑层次,额定静电,功率MOSFET 2.0A/ 60V/ 0.150 Ohm/ N-Channel/ Logic Level/ ESD Rated/ Power MOSFET 63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 2.0A 60V 0.150 Ohm N-Channel Logic Level ESD Rated Power MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp. INTERSIL[Intersil Corporation]
|
STB20NE06LT4 STB20NE06L |
N-CHANNEL 60V - 0.06 OHM - 20A D2PAK STRIPFET POWER MOSFET N-CHANNEL 60V - 0.06 OHM - 20A D2PAK STRIPFET POWER MOSFET THERMISTOR, PTC 2.50 OHM .10A 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 20A条(丁)|63AB
|
ST Microelectronics ON Semiconductor
|
FDS5351 |
60V N-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 6.1 A, 60 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench㈢ MOSFET 60V, 6.1A, 35mヘ N-Channel PowerTrench? MOSFET 60V, 6.1A, 35mΩ
|
Fairchild Semiconductor, Corp.
|
RFP8P06E RFD8P06ESM RFD8P06E FN3937 RFD8P06 |
From old datasheet system 8A/ 60V/ 0.300 Ohm/ P-Channel Power MOSFETs 8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs 8 A, 60 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HUFA76407DK8T HUFA76407DK8 |
3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 3800 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012AA 3.5A/ 60V/ 0.105 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET 3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFETPower MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRFY044CM |
POWER MOSFET N-CHANNEL(BVdss=60V, Rds(on)=0.040ohm, Id=16A*)
|
IRF[International Rectifier]
|