PART |
Description |
Maker |
STU7NA80 5968 |
N - CHANNEL 800V - 1.3 Ohm - 6.5A - Max220 FAST POWER MOSFET N - CHANNEL 800V - 1.3 - 6.5A - Max220 FAST POWER MOSFET From old datasheet system N - CHANNEL 800V - 1.3ohm - 6.5A - Max220 FAST POWER MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STB12NK80Z-S |
N-CHANNEL 800V - 0.65ohm - 10.5A I2SPAK Zener-Protected SuperMESH Power MOSFET N沟道800V 0.65ohm - 10.5A I2SPAK齐保护的SuperMESH功率MOSFET N-CHANNEL MOSFET with FAST DIODE N-CHANNEL 800V - 0.65 OHM - 10.5A I2SPAK ZENER-PROTECTED SUPERMESH MOSFET
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
W8NB80 STW8NB80 |
N - CHANNEL 800V - 1.2 Ohm - 7.5A - TO-247 PowerMESH MOSFET N - CHANNEL 800V - 1.2ohm - 7.5A - TO-247 PowerMESH MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STP4NC80Z STB4NC80ZT4 STB4NC80Z-1 STB4NC80Z STP4NC |
N-CHANNEL 800V 2.4 OHM 4A TO-220 TO-220FP D2PAK I2PAK ZENER PROTECTED POWERMESH III MOSFET N沟道800V.4欧姆4A条到22020FP采用D2PAK I2PAK稳压第三MOSFET的保护POWERMESH N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH⑩III MOSFET N沟道800V 2.4ohm - 4A条TO-220/FP/D2PAK/I2PAK齐保护的PowerMESH⑩三MOSFET N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
STY34NK80Z |
N-CHANNEL 800V - 0.20 OHM - 28A MAX247 ZENER-PROTECTED SUPERMESHPOWER MOSFET
|
ST Microelectronics
|
STP7NC80Z STP7NC80ZFP STB7NC80ZT4 |
N-CHANNEL 800V - 1.3 OHM - 6.5A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED POWERMESH III MOSFET
|
ST Microelectronics
|
STD4NK80ZT4 |
N-CHANNEL 800V - 3 OHM - 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET
|
ST Microelectronics
|
STB7NK80ZT4 |
N-CHANNEL 800V - 1.5 OHM - 5.2A TO-220/TO-220FP/I2PAK/D2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET
|
ST Microelectronics
|
STP3NB80 STP3NB80FP 5954 |
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET -频道800V 4.6ohm - 2.6A的电 TO-220/TO-220FP PowerMESH MOSFET From old datasheet system N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET N - CHANNEL 800V - 4.6 Ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
FQPF3N80C FQP3N80C |
800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQD2N80 FQU2N80 FQD2N80TF FQD2N80TM FQU2N80TU |
800V N-Channel MOSFET TRANSISTOR|MOSFET|N-CHANNEL|800VV(BR)DSS|1.8AI(D)|TO-252AA
800V N-Channel QFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|