PART |
Description |
Maker |
NTB90N02 NTB90N02T4 NTP90N02 |
Power MOSFET 90 Amps / 24 Volts TV 18C 14#22D 4#8(TWINAX) PIN 90 A, 24 V, 0.0058 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 90 Amps, 24 Volts Power MOSFET 90 Amps 24 Volts
|
ONSEMI[ON Semiconductor]
|
RM912 |
CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz) CDMA/AMPS 3-4 Volt Power Amplifier (824849 MHz)
|
Conexant Systems, Inc.
|
APT50M75LLL APT50M75B2LL APT50M75B2LL_04 APT50M75B |
Power MOSFET; Package: T-MAX™ [B2]; ID (A): 57; RDS(on) (Ohms): 0.075; BVDSS (V): 500; 57 A, 500 V, 0.075 ohm, N-CHANNEL, Si, POWER, MOSFET POWER MOS 7 R MOSFET
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
NTF3055-160T1 NTF3055-160T3 NTF3055-160T3LF NTF305 |
TRANSISTOR|MOSFET|N-CHANNEL|60VV(BR)DSS|2AI(D)|SOT-223
From old datasheet system Power MOSFET 2.0 Amps, 60 Volts N?Channel SOT23(2A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223 2 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261
|
ONSEMI[ON Semiconductor]
|
PPF440M |
N Channel MOSFET; Package: TO-254; ID (A): 5; RDS(on) (Ohms): 0.85; PD (W): 125; BVDSS (V): 500; Rq: 1; 8 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
NTMD3P03R2-D NTMD3P03R2 NTMD3P03R2/D |
Power MOSFET -3.05 Amps-30 Volts Power MOSFET -3.05 Amps, -30 Volts Dual P?Channel SO(-3.05 A, -30 V,双P通道,SO-8封装的功率MOSFET) Power MOSFET -3.05 Amps, -30 Volts Dual P-Channel SO-8
|
ON Semiconductor
|
RM912 |
CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz) CDMA/AMPS 3-4 Volt Power Amplifier (824?849 MHz)
|
ETC Conexant Systems, Inc
|
IRF840 IRF820 IRFE430-JQR-B IRF741 IRFE210-JQR-BE4 |
8 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 2.5 A, 500 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 2.5 A, 500 V, 1.725 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 350 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 1.8 A, 200 V, 1.725 ohm, Si, POWER, MOSFET 1.2 A, 400 V, 4.15 ohm, N-CHANNEL, Si, POWER, MOSFET 3.1 A, 100 V, 0.69 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 100 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220
|
SEMELAB LTD
|
IRFD9220 FN2286 |
600 mA, 200 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 0.6A, 200V, 1.500 Ohm, P-Channel Power MOSFET From old datasheet system 0.6A/ 200V/ 1.500 Ohm/ P-Channel Power MOSFET
|
Intersil Corporation
|
MSK4351U MSK4351 MSK4351D MSK4351ED MSK4351ES MSK4 |
50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
|
M.S. Kennedy Corporatio... MSK[M.S. Kennedy Corporation]
|
|