PART |
Description |
Maker |
27C010RPFI-30 27C010RPFC-25 27C010RPFB-30 27C010RP |
x8 EPROM Evaluation Kit for the MAX3741 Evaluation Kit for the MAX3738 Evaluation Kit for the MAX3748A Evaluation Kit for the MAX3740A Evaluation Kit for the MAX3737 Evaluation Kit for the MAX3744, MAX3745 x8存储 Evaluation Kit for the MAX3747, MAX3747A x8存储
|
Atmel, Corp.
|
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
MAX1583XETB MAX1583YETB MAX1583ZETB MAX1583EVKIT M |
White LED Camera-Flash MAX1583 Evaluation Kit 1 A, 24 V, evaluation kit 500 mA, 24 V, evaluation kit 250 mA, 24 V, evaluation kit
|
MAXIM - Dallas Semiconductor
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
2683-100410 2683-200240 2683-200410 2683-100240 26 |
Quadruple-Mode LNA/Mixer Evaluation Kits MAX2582 Evaluation Kit Evaluation Kit for the MAX2601, MAX2602 Interface IC Quad-Band TDD-WCDMA RF-to-Bits Radio Receiver 接口IC
|
Teledyne Technologies, Inc.
|
VV5430C001 EVK-5430-001 EVK-5430-002 VV5430 |
EIA evaluation kit for VV5430 sensor Monochrome Analog Output CMOS Image Sensors CCIR evaluation kit for VV5430 sensor
|
STMICROELECTRONICS[STMicroelectronics] VLSI Vision Limited
|
27C128 10003K 27LC128-12EL 27LC128-12EP 27LC128-12 |
2.5Gbps, 3V to 5.5V, Wide Dynamic Range Transimpedance Preamplifier x8存储 Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs x8存储 Evaluation Kit for the MAX3766 x8存储 3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers x8存储 622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers x8存储 LED BLUE 430NM 100MCD 3MM 128K的(16K的8)的CMOS存储 128K (16K x 8) CMOS EPROM 128K的(16K的8)的CMOS存储 MAX3812 Evaluation Kit x8存储 Evaluation Kit for the MAX3804 Precision, Low-Voltage, SPST CMOS Analog Switch Evaluation Kit for the MAX3822 LED HI EFF RED DIFF 0805 SMD Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs LED YELLOW DIFF 1206 SMD LED GREEN DIFF 0805 SMD x8 EPROM Evaluation Kit for the MAX3802 Evaluation Kit for the MAX3803 From old datasheet system 128K (16x8)CMOS EPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
MAX1553EVKITNBSP MAX1553EVKIT |
Evaluation Kit for the MAX1553/MAX1554 MAX1553 Evaluation Kit From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
243PC15M 242PC60G 242PC100GS 242PC250G 242PC150GS |
Burst-Mode PON Controller With Integrated Monitoring 工业控制IC Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors 工业控制IC Evaluation Kit for the DS1854, DS1857, DS1858, DS1859 Fiber Optic Monitor and Control Evaluation Kit 工业控制IC Industrial Control IC 工业控制IC
|
Honeywell International, Inc.
|
B1006 B1001 B1002 B1007 B1004 PE-69301 PE-69300 PE |
HDSL Transformers for Brooktree and Level One Chipsets - (11/97) Match:BT8960 LT3468ES5/LT3468ES5-1 Evaluation Kit LT3435IFE Evaluation Kit LTC4259A Evaluation Kit HDSL Transformers for Brooktree and Level One Chipsets - (11/97) Match:BT8921/BT8970 HDSL变压器Brooktree和第一级芯片组- 1/97)匹配:BT8921/BT8970
|
Electronic Theatre Controls, Inc.
|
MAX1231EVC16 MAX1231EVKIT |
Evaluation Kit/Evaluation System for the MAX1030/MAX1031/MAX1230/MAX1231
|
MAXIM - Dallas Semiconductor
|